Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2114 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2114
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2114 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2114 Datasheet HTML 1Page - RF Micro Devices RF2114 Datasheet HTML 2Page - RF Micro Devices RF2114 Datasheet HTML 3Page - RF Micro Devices RF2114 Datasheet HTML 4Page - RF Micro Devices RF2114 Datasheet HTML 5Page - RF Micro Devices RF2114 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2-36
RF2114
Rev A5 001222
2
Application Schematic for 150MHz Operation
Application Schematic for 450MHz Operation
P1-1
P1-3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
BIAS CIRCUIT
PA
PRE AMP
RF INPUT
50
Ω µstrip
100 nH
330 pF
330 pF
1200 nH
330 pF
10 nF
120 pF
10
µF
1 nF
22 nH
330 pF
50
Ω µstrip
RF OUTPUT
24 pF
5.6 nH
22 nH
33 pF
330 pF
6.8 pF
150 nH
P1-1
P1-3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
BIAS CIRCUIT
PA
PRE
AMP
RF INPUT
Designed for V
CC = 5 V
V
PC = 5 V
P
OUT = 500 mW
22
Ω
33 nH
20 pF
100 pF
12 nH
200
Ω
330 pF
10 nF
4.3 pF
10
µF
100 pF
6.8 nH
150 pF
50
Ω µstrip
RF OUTPUT
9.1 pF
1.8 nH
10 nH
4.3 pF
100 pF
50
Ω µstrip



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com