Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2125 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2125
Description  HIGH POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2125 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2125 Datasheet HTML 1Page - RF Micro Devices RF2125 Datasheet HTML 2Page - RF Micro Devices RF2125 Datasheet HTML 3Page - RF Micro Devices RF2125 Datasheet HTML 4Page - RF Micro Devices RF2125 Datasheet HTML 5Page - RF Micro Devices RF2125 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2-65
RF2125
Rev A7 010112
2
The data below is valid only under small-signal conditions. The device needs to be biased in Class A, with the out-
put power below the 1-dB compression point. For large signal operation this data may be used as a starting point,
but further tuning to optimize performance will be required.
Voltage and idle current have only very limited effect on the input and output impedances, hence only one plot is
shown, valid for VCC=5 to 7V, and ICC=50 to 250mA.
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Frequency (GHz)
RF2125 Gain
0
2
4
6
8
10
12
14
16
18
20
22
24
26
DB(|S[2,1]|)
Vcc=6.5V, Icc=200mA
DB(GMax)
Vcc=6.5V, Icc=200mA
DB(|S[2,1]|)
Vcc=5.0V, Icc=50mA
DB(GMax)
Vcc=5.0V, Icc=50mA
1
1.5
2
2.5
FREQUENCY (GHz)
RF2125 S12
-37
-36
-35
-34
-33
DB(|S[1,2]|)
10.0
5.0
3.
0
4.0
-0.2
-0
.4
RF2125 Input / Output Impedance, Class A bias
Swp Max
2.5GHz
Swp Min
1GHz
S11
S22
1GHz
1GHz
2.5 GHz
2.5 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com