Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2125P Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2125P
Description  HIGH POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2125P Datasheet(HTML) 1 Page - RF Micro Devices

  RF2125P Datasheet HTML 1Page - RF Micro Devices RF2125P Datasheet HTML 2Page - RF Micro Devices RF2125P Datasheet HTML 3Page - RF Micro Devices RF2125P Datasheet HTML 4Page - RF Micro Devices RF2125P Datasheet HTML 5Page - RF Micro Devices RF2125P Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
2-67
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
RF IN
RF IN
PC
VCC
RF OUT
RF OUT
RF OUT
RF OUT
BIAS
CIRCUIT
PACKAGE BASE
GND
RF2125P
HIGH POWER LINEAR AMPLIFIER
• PCS Communication Systems
• Digital Communication Systems
• DECT Cordless Applications
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2125P is a high power, high efficiency linear
amplifierIC. The deviceis manufacturedonanadvanced
Gallium Arsenide Heterojunction Bipolar Transistor (HBT)
process and has been designed for use as the final RF
amplifier in digital PCS phone transmitters and base sta-
tions requiring linear amplification operating between
1500 MHz and 2200 MHz. It will also function as a high
efficiency amplifier for constant envelope applications
such as DECT. The device is packaged in an 8-lead plas-
tic package with a backside ground. The device is self-
contained with the exception of the output matching net-
work and power supply feed line. It produces a typical
output power level of 1 W.
• Single 2.7V to 7.5V Supply
• 1W Output Power
•14dB Gain
• 45% Efficiency
• Power Down Mode
• 1500MHz to 2200MHz Operation
RF2125P
High Power Linear Amplifier
RF2125P PCBA
Fully Assembled Evaluation Board
2
Rev A4 010720
3.90
±0.10
6.00
±0.20
4.90
±0.10
0.43
±0.05
1.27
1.40
±0.10
0.05
±0.05
-A-
Exposed
Heat Sink
2.70
±0.10
0.22
±0.03
0.60
±0.15
8° MAX
0° MIN
1.70
±0.10
Dimensions in mm.
NOTES:
1. Shaded lead is pin 1.
2. Lead coplanarity - 0.10 with respect to datum "A".
Package Style: SOIC-8 Slug


Similar Part No. - RF2125P

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2125PCBA RFMD-RF2125PCBA Datasheet
104Kb / 6P
HIGH POWER LINEAR AMPLIFIER
More results

Similar Description - RF2125P

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2105L RFMD-RF2105L Datasheet
70Kb / 8P
HIGH POWER LINEAR UHF AMPLIFIER
RF2125 RFMD-RF2125 Datasheet
104Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2126 RFMD-RF2126 Datasheet
57Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2126 RFMD-RF2126_07 Datasheet
184Kb / 10P
HIGH POWER LINEAR AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
logo
RF Micro Devices
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com