Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2126 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2126
Description  HIGH POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2126 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2126 Datasheet HTML 1Page - RF Micro Devices RF2126 Datasheet HTML 2Page - RF Micro Devices RF2126 Datasheet HTML 3Page - RF Micro Devices RF2126 Datasheet HTML 4Page - RF Micro Devices RF2126 Datasheet HTML 5Page - RF Micro Devices RF2126 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-74
RF2126
Rev A5 010207
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC)
-0.5 to +7.5
VDC
Power Control Voltage (VPC)
-0.5to+5V
V
DC Supply Current
450
mA
Input RF Power
+20
dBm
Output Load VSWR
20:1
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +100
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=6.0V, VPC=3.0V,
ZLOAD=12Ω,Pin = 0dBm, Freq=2450MHz,
Idle current=180mA
Frequency Range
1800
2500
MHz
Maximum Output Power
+27.0
dBm
VCC=3.6V, PIN=+19dBm
Maximum Output Power
+29
dBm
VCC=4.8V, PIN=+19dBm
Maximum Output Power
+30.0
+31.0
dBm
VCC=6.0V, PIN=+19dBm
Total Power Added Efficiency
45
%
Maximum output, VCC=3.6V
Total Power Added Efficiency
45
%
Maximum output, VCC=4.8V
Total Power Added Efficiency
45
%
Maximum output, VCC=6.0V
Small-signal Gain
12
dB
Second Harmonic
-55
dBc
See Application Schematic, PIN=+17dBm
Third Harmonic
-60
dBc
Input VSWR
1.5:1
With external matching network; see appli-
cation schematic
Two-tone Specification
Average Two-Tone Power
+27
dBm
PEP- 3dB
IM3
-24
-25
dBc
POUT=+24dBm for each tone
IM5
-35
dBc
POUT=+24dBm for each tone
IM7
-55
dBc
POUT=+24dBm for each tone
Power Control
VPC
1.5
3.0
3.5
V
To obtain 180mA idle current
Power Control “OFF”
0.2
0.5
V
Threshold voltage at device input
Power Supply
Power Supply Voltage
3.0
6.5
V
Supply Current
270
350
410
mA
POUT=+30dBm, VCC=6.0V
Power Down Current
0.5
10
µAV
PC =0.2 V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).
Refer to “Handling of PSOP and PSSOP Products”
on page 16-15 for special handling information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com