Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2138 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2138
Description  3V GSM POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2138 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2138 Datasheet HTML 2Page - RF Micro Devices RF2138 Datasheet HTML 3Page - RF Micro Devices RF2138 Datasheet HTML 4Page - RF Micro Devices RF2138 Datasheet HTML 5Page - RF Micro Devices RF2138 Datasheet HTML 6Page - RF Micro Devices RF2138 Datasheet HTML 7Page - RF Micro Devices RF2138 Datasheet HTML 8Page - RF Micro Devices RF2138 Datasheet HTML 9Page - RF Micro Devices RF2138 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2-124
RF2138
Rev A9 011031
2
Application Schematic
Internal Schematic
1
2
3
4
5
13
12
11
10
9
678
16
14
15
180
Ω
Note: All capacitors are standard 0402 multi layer
.040"
RF IN
1nF
10 nH
33 pF
V
CC
33 pF
33 pF
33 pF
APC
18 pF
Instead of a
striplineaninductor
of ~10 nH can be
used
V
CC
1nF
120 pF
Very close to
pins 15/16
50
Ωµstrip
5.6 pF
33 pF
RF OUT
Quarter Wave
Length
33 pF
V
CC
4.3 pF
Instead of a
stripline an
inductor of 4.7 nH
canbeused
Spacing between
edge of device and
capacitor 0.062"
Distance center to
center of capacitors
0.416"
V
CC
RF IN
1.6k
Ω
VCC1
GND1
4.5 pF
GND2
APC1
1k
Ω
VCC
VCC2
RF OUT
APC2
300
Ω
VCC
PKG BASE
5
Ω
5
Ω
APC1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com