Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECEC2EB152EJ Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECEC2EB152EJ
Description  Snap-in Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC2EB152EJ Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECEC2EB152EJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC2EB152EJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC2EB152EJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC2EB152EJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC2EB152EJ Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Aluminum Electrolytic Capacitors/ HB
 EE146 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
315
(A)
(mm)
(V)
(µF)
(pcs)
n
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+105
°C)
Standard Products
680
35
45
1.7
0.15
ECEC2FB681EJ
100
820
35
50
2.0
0.15
ECEC2FB821EJ
100
120
22
30
0.75
0.15
ECEC2VB121BJ
200
25
25
0.75
0.15
ECEC2VB121CJ
200
150
22
35
0.82
0.15
ECEC2VB151BJ
200
180
22
40
0.90
0.15
ECEC2VB181BJ
200
25
30
0.90
0.15
ECEC2VB181CJ
200
30
25
0.90
0.15
ECEC2VB181DJ
200
220
22
45
1.0
0.15
ECEC2VB221BJ
200
25
35
1.0
0.15
ECEC2VB221CJ
200
270
25
45
1.1
0.15
ECEC2VB271CJ
200
350
30
30
1.1
0.15
ECEC2VB271DJ
200
35
25
1.1
0.15
ECEC2VB271EJ
200
330
25
50
1.2
0.15
ECEC2VB331CJ
200
30
40
1.2
0.15
ECEC2VB331DJ
100
35
30
1.2
0.15
ECEC2VB331EJ
200
390
30
45
1.3
0.15
ECEC2VB391DJ
100
35
30
1.3
0.15
ECEC2VB391EJ
200
470
30
50
1.4
0.15
ECEC2VB471DJ
100
560
35
45
1.5
0.15
ECEC2VB561EJ
100
680
35
50
1.7
0.15
ECEC2VB681EJ
100
82
22
30
0.64
0.15
ECEC2GB820BJ
200
100
22
30
0.69
0.15
ECEC2GB101BJ
200
25
25
0.69
0.15
ECEC2GB101CJ
200
120
22
35
0.75
0.15
ECEC2GB121BJ
200
25
30
0.75
0.15
ECEC2GB121CJ
200
150
22
40
0.82
0.15
ECEC2GB151BJ
200
25
30
0.82
0.15
ECEC2GB151CJ
200
30
25
0.82
0.15
ECEC2GB151DJ
200
180
22
45
0.95
0.15
ECEC2GB181BJ
200
25
35
0.95
0.15
ECEC2GB181CJ
200
400
30
30
0.95
0.15
ECEC2GB181DJ
200
220
25
45
1.1
0.15
ECEC2GB221CJ
200
30
30
1.1
0.15
ECEC2GB221DJ
200
35
25
1.1
0.15
ECEC2GB221EJ
200
270
25
50
1.2
0.15
ECEC2GB271CJ
200
30
35
1.2
0.15
ECEC2GB271DJ
100
35
30
1.2
0.15
ECEC2GB271EJ
200
330
30
45
1.35
0.15
ECEC2GB331DJ
100
35
35
1.35
0.15
ECEC2GB331EJ
100
390
30
50
1.55
0.15
ECEC2GB391DJ
100
35
40
1.55
0.15
ECEC2GB391EJ
100
Endurance : 105
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com