Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC122 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC122
Description  Low Voltage Synchronous Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC122 Datasheet(HTML) 1 Page - Semtech Corporation

  SC122 Datasheet HTML 1Page - Semtech Corporation SC122 Datasheet HTML 2Page - Semtech Corporation SC122 Datasheet HTML 3Page - Semtech Corporation SC122 Datasheet HTML 4Page - Semtech Corporation SC122 Datasheet HTML 5Page - Semtech Corporation SC122 Datasheet HTML 6Page - Semtech Corporation SC122 Datasheet HTML 7Page - Semtech Corporation SC122 Datasheet HTML 8Page - Semtech Corporation SC122 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 2010 Semtech Corporation
POWER MANAGEMENT
1
SC122
Low Voltage Synchronous
Boost Converter
Features
Input voltage — 0.7V to 1.6V
Minimum start-up voltage — 0.85V
Output voltage fixed at 3.3V
Peak input current limit — 350mA typically
Output current 95mA at V
IN
= 1.6V, 50mA at V
IN
= 0.9V
Efficiency up to 80%
Internal synchronous rectifier
Switching frequency — 1.2MHz
Power save (voltage hysteretic) control
Anti-ringing circuit
Operating supply current (measured at OUT) — 40μA
No forward conduction path during shutdown
MLPD-UT-6 1.5 × 2.0 × 0.6 (mm) package
Lead-free and halogen-free
WEEE and RoHS compliant
Applications
Electric toothbrushes
Personal medical products
Single-cell alkaline, NiCd, or NiMH applications
Description
The SC122 is a high efficiency, low noise, synchronous
step-up DC-DC converter. It produces a fixed 3.3V output
from a single cell alkaline or NiMH battery. It features an
internal 1.2A switch and synchronous rectifier to achieve
high efficiency and to eliminate the need for an external
Schottky diode.
The SC122 operates exclusively in voltage-hysteretic
power save mode (PSAVE) for high efficiency under light
load conditions. It features anti-ringing circuitry for
reduced EMI in noise sensitive applications. While dis-
abled, the output remains in a high impedance state to
preserve the charge on the output capacitor. This permits
ultra-low idle quiescent currents in applications in which
the SC122 can be periodically enabled by an external con-
troller to recharge the output capacitor.
Low quiescent current is obtained despite a high 1.2MHz
operating frequency. Small external components and the
space saving MLPD-UT-6, 1.5×2.0×0.6 (mm) package,
make this device an excellent choice for small handheld
applications that require the longest possible battery life.
L1
CIN
3.3V
Single
Cell
(1.2V)
IN
OUT
LX
EN
GND
SC122
COUT
GND
Typical Application Circuit
February 1, 2010


Similar Part No. - SC122

ManufacturerPart #DatasheetDescription
logo
Raspberry Pi Holdings P...
SC1227 RASPBERRY-PI-SC1227 Datasheet
178Kb / 5P
Raspberry Pi Touch Display
April 2024
SC1228 RASPBERRY-PI-SC1228 Datasheet
1Mb / 9P
Raspberry Pi Monitor
December 2024
More results

Similar Description - SC122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC19411 TI-UCC19411 Datasheet
143Kb / 8P
Low Power Synchronous Boost Converter
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
Low Voltage Synchronous Boost Converter
logo
Texas Instruments
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
Analog Microelectronics
AME5176 AME-AME5176 Datasheet
481Kb / 15P
Synchronous Boost Converter
AME5177 AME-AME5177 Datasheet
485Kb / 14P
Synchronous Boost Converter
logo
Texas Instruments
UCC39411 TI-UCC39411_15 Datasheet
645Kb / 20P
LOW-POWER SYNCHRONOUS BOOST CONVERTER
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
Synchronous Boost Converter
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
Synchronous Boost Converter
UCC29411 TI1-UCC29411 Datasheet
1Mb / 22P
LOW-POWER SYNCHRONOUS BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com