Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC185 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC185
Description  4A Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC185 Datasheet(HTML) 5 Page - Semtech Corporation

  SC185 Datasheet HTML 1Page - Semtech Corporation SC185 Datasheet HTML 2Page - Semtech Corporation SC185 Datasheet HTML 3Page - Semtech Corporation SC185 Datasheet HTML 4Page - Semtech Corporation SC185 Datasheet HTML 5Page - Semtech Corporation SC185 Datasheet HTML 6Page - Semtech Corporation SC185 Datasheet HTML 7Page - Semtech Corporation SC185 Datasheet HTML 8Page - Semtech Corporation SC185 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SC185
© 2010 Semtech Corp.
Pin Descriptions
Pin #
Pin Name
Pin Function
1,2
PVIN
Input supply voltage for the converter power stage.
3
AGND
Ground connection for the internal circuitry. AGND needs to be connected to PGND directly.
4
AVIN
Power supply for the internal circuitry. AVIN is required to be connected to PVIN through an R-C filter of 1Ω
and 100nF.
5
MODE
MODE select pin. When connected to logic high, the device operates in forced PWM mode. When connected
to logic low, it operates normally with PSAVE mode at light load. The enable pin has a 500kΩ internal pull-
down resistor. This resistor is switched in circuit whenever the MODE pin is “Low” or when the part is in un-
dervoltage lockout.
6
EN
Enable pin. When connected to logic high or tied to AVIN pin, the SC185 is on. When connected to logic low,
the device enters shutdown and consumes less than 1µA current (typ.). The enable pin has a 500kΩ internal
pulldown resistor. This resistor is switched in circuit whenever the EN is“Low”or when the part is in undervolt-
age lockout.
7
PGOOD
Power good indicator. When the output voltage reaches the PGOOD threshold, this pin will be open-drain
(After the PGOOD delay), otherwise, it is pulled low internally.
8
NC
No connection.
9
SS
Soft Start. Connect a soft-start capacitor to program the soft start time. There is a 5µA charging current flow-
ing out of the pin.
10
VOUT
Output voltage sense pin.
11,12,13
PGND
Ground connection for converter power stage.
14,15,16
LX
Switching node - connect an inductor between this pin and the output capacitor.
T
Thermal Pad
Thermal pad for heatsinking purposes. Recommend to connect it to PGND. It is not connected internally.
www.semtech.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com