Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC412AEVB Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC412AEVB
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412AEVB Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC412AEVB Datasheet HTML 11Page - Semtech Corporation SC412AEVB Datasheet HTML 12Page - Semtech Corporation SC412AEVB Datasheet HTML 13Page - Semtech Corporation SC412AEVB Datasheet HTML 14Page - Semtech Corporation SC412AEVB Datasheet HTML 15Page - Semtech Corporation SC412AEVB Datasheet HTML 16Page - Semtech Corporation SC412AEVB Datasheet HTML 17Page - Semtech Corporation SC412AEVB Datasheet HTML 18Page - Semtech Corporation SC412AEVB Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
Applications Information (continued)
by increasing the duty cycle (more time is spent drawing
energy from VBAT as losses increase). Since the on-time
is constant for a given VOUT/VBAT combination, the way
to increase duty cycle is to gradually shorten the off-time.
The net effect is that switching frequency increases slightly
with increasing load.
The typical operating frequency is 325kHz. It is possible to
raise the frequency by placing a resistor divider between
the output and the VOUT pin, see Figure 7. This reduces
the voltage at the VOUT pin which is used to generate the
on-time according to the previous equation. Note that
this places a small minimum load on the output. The new
frequency is approximated by the following equation:
FREQ (kHz) = 325 ∙ (1 + R1/R2)
L
COUT
ESR
+
VOUT
VLX
pin 10
(VOUT)
R2
R1
1nF
Power Output
Figure 7.
It is also possible to lower the frequency using a resistive
divider to the 5V bias supply, see Figure 3. This raises the
voltage at the VOUT pin which will increase the on-time.
Note that this results in a small leakage path from the 5V
supply to the output voltage. The resistor values should be
fairly large (>50kOhm) large to prevent the output voltage
from drifting up during shutdown conditions. Note that
the feedback resistors act as a dummy load to limit how
far the output can rise.
The new operating frequency is approximated by the
equation:
FREQ (kHz) = 325 ∙ ((R1 + R2) / (R1 + R2 ∙ VCC/VOUT))
L
COUT
ESR
+
VOUT
VLX
pin 10
(VOUT)
R1
R2
1nF
Power Output
VCC
Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com