Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2301 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2301
Description  HIGH ISOLATION BUFFER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2301 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2301 Datasheet HTML 1Page - RF Micro Devices RF2301 Datasheet HTML 2Page - RF Micro Devices RF2301 Datasheet HTML 3Page - RF Micro Devices RF2301 Datasheet HTML 4Page - RF Micro Devices RF2301 Datasheet HTML 5Page - RF Micro Devices RF2301 Datasheet HTML 6Page - RF Micro Devices RF2301 Datasheet HTML 7Page - RF Micro Devices RF2301 Datasheet HTML 8Page - RF Micro Devices RF2301 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4-40
RF2301
Rev A8 010717
4
Application Schematic 1
Broadband Match
Application Schematic 2
Optimum Match
1
2
3
4
8
7
6
5
RF IN
100 pF
100 pF
RF OUT
100
Ω
1nF
V
DD
1
2
3
4
8
7
6
5
100 pF
RF IN
L1
100 pF
RF OUT
L2
100 pF
V
DD
FREQUENCY
900 MHz
2500 MHz
L1
18 nH
----
L2
22 nH
2.7 nH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com