Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2302 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2302
Description  BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2302 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2302 Datasheet HTML 1Page - RF Micro Devices RF2302 Datasheet HTML 2Page - RF Micro Devices RF2302 Datasheet HTML 3Page - RF Micro Devices RF2302 Datasheet HTML 4Page - RF Micro Devices RF2302 Datasheet HTML 5Page - RF Micro Devices RF2302 Datasheet HTML 6Page - RF Micro Devices RF2302 Datasheet HTML 7Page - RF Micro Devices RF2302 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ü
4-43
4
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
RF IN
VCC
GND
GND
PD
RF OUT
GND
GC
RF2302
BROADBAND LINEAR
VARIABLE GAIN AMPLIFIER
• CDMA Cellular/PCS and JCDMA Systems
• TDMA Cellular/PCS Systems
• GSM Systems
• Wireless Local Loop Systems
• Wideband CDMA Systems
• PDC Systems (950MHz and 1450MHz)
The RF2302 is a broadband linear variable gain amplifier
that was designed specifically for digital communications
systems that require linear amplification over a wide gain
control range. It is suitable for use in CDMA or TDMA sys-
tems in the cellular or PCS band, in DAMPS systems,
and in PDC systems. Operating supply voltage ranges
from 3 V to 6V. The device operates over a large fre-
quency band, from 100MHz to 2000MHz, and is tuned to
a specific frequency band with an output bias feed induc-
tor and blocking capacitor. Bias optimization may be
achieved by adjusting the voltage to pin 8 (PD). The IC is
manufactured on an advanced Gallium Arsenide Hetero-
junction Bipolar Transistor (GaAs HBT) process and is
featured in a new standard miniature 8-lead plastic
MSOP package.
• 25dB Linear Gain Control range
• +14dBm OP1dB at 3.5V (836MHz)
• Single3Vto6VSupply
• 14dB Max Gain at 836MHz
• 10dB Max Gain at 1900MHz
• 4dB Noise Figure at 836MHz
RF2302
Broadband Linear Variable Gain Amplifier
RF2302 PCBA-L
Fully Assembled Evaluation Board 836MHz
RF2302 PCBA-H Fully Assembled Evaluation Board 1.88GHz
4
Rev A8 010410
0.006
+ 0.003
0.034
6° MAX
0° MIN
0.021
+ 0.004
0.006
+ 0.002
NOTES:
1. Shaded lead is pin 1.
2. All dimensions are exclusive of flash,
protrusions or burrs.
3. Lead coplanarity: 0.002 with respect
to datum "A".
A
0.192
+ 0.008
0.0256
0.012
0.118
+ 0.004 sq.
Package Style: MSOP-8


Similar Part No. - RF2302

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2301 RFMD-RF2301 Datasheet
198Kb / 10P
HIGH ISOLATION BUFFER AMPLIFIER
RF2301PCBA RFMD-RF2301PCBA Datasheet
198Kb / 10P
HIGH ISOLATION BUFFER AMPLIFIER
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304 RFMD-RF2304 Datasheet
241Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304 RFMD-RF2304 Datasheet
327Kb / 8P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
More results

Similar Description - RF2302

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2376 RFMD-RF2376 Datasheet
112Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2681 RFMD-RF2681 Datasheet
157Kb / 8P
W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
Wideband, Low Power, Linear Variable Gain Amplifier
logo
RF Micro Devices
RF2376 RFMD-RF2376_06 Datasheet
131Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_1 Datasheet
277Kb / 10P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
M/A-COM Technology Solu...
MAAM-011100 MA-COM-MAAM-011100 Datasheet
369Kb / 7P
Broadband Variable Gain Amplifier
MAAM-011100 MA-COM-MAAM-011100_14 Datasheet
1Mb / 7P
Broadband Variable Gain Amplifier
logo
Texas Instruments
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
Guerrilla RF, Inc.
GRF2012-W GUERRILLA-GRF2012-W Datasheet
849Kb / 14P
Broadband Linear Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com