Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2302PCBA-L Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2302PCBA-L
Description  BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2302PCBA-L Datasheet(HTML) 7 Page - RF Micro Devices

  RF2302PCBA-L Datasheet HTML 1Page - RF Micro Devices RF2302PCBA-L Datasheet HTML 2Page - RF Micro Devices RF2302PCBA-L Datasheet HTML 3Page - RF Micro Devices RF2302PCBA-L Datasheet HTML 4Page - RF Micro Devices RF2302PCBA-L Datasheet HTML 5Page - RF Micro Devices RF2302PCBA-L Datasheet HTML 6Page - RF Micro Devices RF2302PCBA-L Datasheet HTML 7Page - RF Micro Devices RF2302PCBA-L Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-49
RF2302
Rev A8 010410
4
ACPR versus VGC
(Frequency 1880MHz @ -8dBm.NADC Mod., VCC=3.0v,
VPD=2.8v)
-37.0
-35.0
-33.0
-31.0
-29.0
-27.0
-25.0
-23.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VGC (V)
ACPR @25C
ACPR @-40C
ACPR @85C
Alternate Channel Power versus VGC
(Frequency 836MHz @ -6dBm, IS-95 Mod., VCC=3.0V, VPD=2.8V,
VGC=2.2 to 1.0V)
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VGC (V)
ALTR.CH.Power @25C
ALTR.CH.Power @-40C
ALTR.CH.Power @85C
Alternate Channel Power versus VGC
(Frequency 836MHz @ -6dBm, NADC. Mod., VCC=3.0V,VPD=2.8V,
VGC=2.2 to 1.0V)
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VGC (V)
ALTR.Ch.Power @25C
ALTR.Ch.Power @-40C
ALTR.Ch.Power @85C
Alternate Channel Power versus VGC.
(Frequency 1880MHz @ -8dBm, IS-95 Mod., VCC=3.0V, VPD=2.8)
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VGC (V)
ALTR.CH.Power @ 25C
ALTR.CH.Power @ -40C
ALTR.CH.Power @ 85C
Alternate Channel Power versus VGC
(Frequency 1880MHz @-8dBm, NADC Mod., VCC=3.0V,
VPD=2.8V)
-80.0
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VGC (V)
ALTR.Ch.Power @25C
ALTR.Ch.Power @-40C
ALTR.Ch.Power @85C
ACPR. versus VGC
(Frequency 836MHz @ -6dBm, NADC.Mod., VCC=3.0v, VPD=2.8V,
VGC=2.2 to 1.0V)
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VGC (V)
ACPR @25C
ACPR @-40C
ACPR @85C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com