Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EXC24CE360UP Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EXC24CE360UP
Description  Common mode Noise Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXC24CE360UP Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EXC24CE360UP Datasheet HTML 1Page - Panasonic Semiconductor EXC24CE360UP Datasheet HTML 2Page - Panasonic Semiconductor EXC24CE360UP Datasheet HTML 3Page - Panasonic Semiconductor EXC24CE360UP Datasheet HTML 4Page - Panasonic Semiconductor EXC24CE360UP Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Common mode Noise Filters
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Preheating
Peak
Heating
Time
EF
E
B
E
F
B
■ Recommended Land Pattern Design
■ Recommended Soldering Conditions
Recommendations and precautions are described below
Safety Precations
The following are precautions for individual products. Please also refer to the precautions common to EMI Filters,
ESD Suppressors, Fuses, and MR Sensors shown on page EL113 of this catalog.
1. Use rosin-based flux or halogen-free flux.
2. For cleaning, use an alcohol-based cleaning agent. Before using any other type, consult with our sales person
in advance.
3. Do not apply shock to Common mode Noise Filters (hereafter called the filters) or pinch them with a hard tool
(e.g. pliers and tweezers). Otherwise, their bodies may be chipped, affecting their performance. Excessive me-
chanical stress may damage the filters. Handle with care.
4. Store the filters in a location with a temperature ranging from –5 °C to +40 °C and a relative humidity of 40 % to 60 %,
where there are no rapid changes in temperature or humidity.
5. Use the filters within half a year after the date of the outgoing inspection indicated on the packages.
<Repair with hand soldering>
● Preheat with a blast of hot air or similar method. Use a soldering iron with a tip temperature of 350 °C or less. Solder
each electrode for 3 seconds or less.
● Never touch this product with the tip of a soldering iron.
Temperature
Time
Preheating
140 °C to 160 °C
60 s to 120 s
Main heating
Above 200 °C
30 s to 40 s
Peak
235 ± 10 °C
max. 10 s
Temperature
Time
Preheating
150 °C to 170 °C
60 s to 120 s
Main heating
Above 230 °C
30 s to 40 s
Peak
max. 260 °C
max. 10 s
● Recommended soldering conditions for reflow
For soldering (Example : Sn-37Pb)
For lead-free soldering (Example : Sn/3Ag/0.5Cu)
· Reflow soldering shall be performed a maximum of
two times.
· Please contact us for additional information when
used in conditions other than those specified.
· Please measure the temperature of the terminals
and study every kind of solder and printed circuit
board for solderability before actual use.
Type
Dimensions (mm)
AB
C
D
E
F
EXC18C
1.4
1.4
0.4
0.5
0.2
0.4
Type
Dimensions (mm)
AB
C
D
E
F
EXC14C
0.80 to 1.00
0.80
0.30
0.25 to 0.35
0.30
0.20
EXC24C
1.60 to 2.00
0.95
0.70
0.45 to 0.65
0.35
0.25
● EXC14C , EXC24C
● EXC18C
● Flow soldering
· We do not recommend flow soldering , because flow soldering may cause bridges betwwn the electrodes.
Jun. 2009



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com