Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EXC18CE201U Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EXC18CE201U
Description  Common mode Noise Filter Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXC18CE201U Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EXC18CE201U Datasheet HTML 1Page - Panasonic Semiconductor EXC18CE201U Datasheet HTML 2Page - Panasonic Semiconductor EXC18CE201U Datasheet HTML 3Page - Panasonic Semiconductor EXC18CE201U Datasheet HTML 4Page - Panasonic Semiconductor EXC18CE201U Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Common mode Noise Filter Array
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
E
1
X
2
C
3
1
4
8
5
C
6
E
7
9
8
0
9
0
10
U
11
12
Noise Filter
High speed
Differential transmission
E
Coupled
type
The first two digits are
significant figure of
impedance value, and the
third one denotes the
number of zeros following
Packing
Embossed Carrier Taping
5000 pcs.
Code
U
Product Code
Type Characteristics
Size
Nominal Impedance
Form
Suffix
C
Number of
Terminals
8Terminals
Dimensions(mm)
1.6
0.8
0.4
(L)
(W)
(H)
Code
1
Ferrite
Inner Conductor
Electrode
A
C
B
F
D
E
65
34
87
12
87
12
65
34
Common mode Noise Filter Array
Type:
EXC18CE
■ Features
● 2 Common mode noise filters in one package
● Small size and low-profile
(L 1.6 mm W 0.8 mm H 0.4 mm)
● Filtering the noise of high-speed differential signaling
lines and minimizing deformations of transmitted signal
waveforms
● Low DC resistance and insertion loss
● Rigidly layered and sintered structure with high
resistance to reflow heat and mounting reliability
● Lead, halogen, and antimony free
■ Recommended Applications
● Mobile phone, DSC, notebook PCs, and Digital displays
● Noise reduction of high-speed data lines such as USB,
LVDS, and HDMI lines
■ Explanation of Part Numbers
■ Construction
■ Dimensions in mm (not to scale)
■ Circuit Configuration(No Polarity)
Type
(inches)
Dimensions (mm)
Mass
(Weight)
[mg/pc.]
AB
C
D
E
F
EXC18C
(0603)
0.8±0.1 1.6±0.1 0.4±0.1 0.2±0.1 0.4±0.1 0.2±0.1
2.6
Jun. 2009


Similar Part No. - EXC18CE201U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EXC10DRAF ETC1-EXC10DRAF Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EXC10DRAH ETC1-EXC10DRAH Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EXC10DRAI ETC1-EXC10DRAI Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EXC10DRAN ETC1-EXC10DRAN Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EXC10DRAS ETC1-EXC10DRAS Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
More results

Similar Description - EXC18CE201U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXC28CE900U PANASONIC-EXC28CE900U Datasheet
146Kb / 5P
Common mode Noise Filter Array
EXC28CG240U PANASONIC-EXC28CG240U Datasheet
73Kb / 2P
Common mode Noise Filter Array
logo
Abracon Corporation
ACMF-31 ABRACON-ACMF-31 Datasheet
1Mb / 3P
Common Mode Filter
10.05.12
logo
ON Semiconductor
EMI8141 ONSEMI-EMI8141 Datasheet
455Kb / 9P
Common Mode Filter
June, 2014 ??Rev. 0
logo
Panasonic Semiconductor
EXC24CD600U PANASONIC-EXC24CD600U Datasheet
136Kb / 1P
Common mode Noise Filter
logo
Superworld Electronics
W3F670-RD-10 SUPERWORLD-W3F670-RD-10 Datasheet
966Kb / 10P
Common Mode Filter
W1210F500-RC-10 SUPERWORLD-W1210F500-RC-10 Datasheet
383Kb / 7P
Common Mode Filter
logo
GUANGDONG MISUN TECHNOL...
CM2012B-900Z FPE-CM2012B-900Z Datasheet
474Kb / 1P
Common Mode Filter
GN2012F-121Z FPE-GN2012F-121Z Datasheet
481Kb / 1P
Common Mode Filter
GN2012F-201Z FPE-GN2012F-201Z Datasheet
481Kb / 1P
Common Mode Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com