Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EXCELSV35 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EXCELSV35
Description  EMI Bead Cores
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXCELSV35 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EXCELSV35 Datasheet HTML 1Page - Panasonic Semiconductor EXCELSV35 Datasheet HTML 2Page - Panasonic Semiconductor EXCELSV35 Datasheet HTML 3Page - Panasonic Semiconductor EXCELSV35 Datasheet HTML 4Page - Panasonic Semiconductor EXCELSV35 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMI Bead Cores
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
φ D
φ 0.60±0.05
LL
A
φ D
φ 0.60±0.05
A
P
7.7 max.
5.0
±0.8
2.45 max.
φ 0.60±0.05
φ 3.8 max.
φ 0.60±0.05
5.0
±0.8
φ 3.8 max.
φ 0.60±0.05
5.0
±0.8
9.0 max.
5.0
±0.8
φ 3.8 max.
φ 0.60±0.05
■ Dimensions in mm (not to scale)
● EXCELDR35C
● EXCELSV35S
● EXCELSR35S
● EXCELDR25C
EXCELDR27C
● EXCELSA24
EXCELSA35
EXCELSA39
● EXCELSA24B
EXCELSA35B
EXCELSA39E
ELSA24
ELSA35
ELSA39
D
φ2.8 max. φ3.8 max. φ3.8 max.
A
4.8 max.
5.3 max.
9.3 max.
L
10 min.
20 min.
18 min.
ELSA24
ELSA35
ELSA39
D
φ2.8 max. φ3.8 max. φ3.8 max.
A
4.8 max.
5.3 max.
9.3 max.
L
10 min.
20 min.
18 min.
ELDR25C
ELDR27C
A
5.3 max.
7.8 max.
B7 max.
9.5 max.
L
4.5±1.0
8.0±1.0
(1) Measurement Temperature: +20 °C, Measurement Frequency: 100 MHz
■ Ratings
Part Number
Impedance
(1)
( )
DC Resistance
(m )
Insulation Resistance
(M )
Rated Current
(A DC)
Category Temp. Range
(Operating Temp. Range)
(°C)
EXCELSA24
30 min.
10 max.
10 min.
7 max.
–25 to +85
EXCELSA35
50 min.
EXCELSA39
80 min.
EXCELSR35
50 min.
EXCELSV35
50 min.
EXCELDR25
80 min.
EXCELDR27
160 min.
EXCELDR35
90 min.
Feb. 2006



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com