Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M2000-M05-256-2-R1206-HE Datasheet(PDF) 1 Page - GSI Group, Inc.

Part # M2000-M05-256-2-R1206-HE
Description  Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M2000-M05-256-2-R1206-HE Datasheet(HTML) 1 Page - GSI Group, Inc.

  M2000-M05-256-2-R1206-HE Datasheet HTML 1Page - GSI Group, Inc. M2000-M05-256-2-R1206-HE Datasheet HTML 2Page - GSI Group, Inc. M2000-M05-256-2-R1206-HE Datasheet HTML 3Page - GSI Group, Inc. M2000-M05-256-2-R1206-HE Datasheet HTML 4Page - GSI Group, Inc. M2000-M05-256-2-R1206-HE Datasheet HTML 5Page - GSI Group, Inc. M2000-M05-256-2-R1206-HE Datasheet HTML 6Page - GSI Group, Inc. M2000-M05-256-2-R1206-HE Datasheet HTML 7Page - GSI Group, Inc. M2000-M05-256-2-R1206-HE Datasheet HTML 8Page - GSI Group, Inc. M2000-M05-256-2-R1206-HE Datasheet HTML 9Page - GSI Group, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Imagine what you can do with this!
The new Mercury 2000 can reduce the cost and size of your system, and improve
its performance all at once! MicroE Systems’ Mercury 2000 kit encoders are
smaller, higher performance, faster to install, and easier to set up and align than
any other encoder. The tiny sensor fits into very tight spaces and works in both
linear and rotary applications.
Table of Contents
System & Sensor
pg 1-5
SmartPrecision Electronics
pg 6-7
SmartPrecision Software
pg 8
Scales
pg 9
O
rdering Information
pg 10
Optional features
• Glass scale length or diameter
Linear lengths from 5mm to 2m
Rotary diameters from 12mm to 108mm
• Cable length of 0.5m, 1m, 2m, or custom
• SmartPrecision Software
Mercury
TM 2000 Smart Encoder Systems
Programmable Interpolation in Integer Steps to 0.078μm
Reflective Linear and Rotary Encoder Systems
Sensor the
size of a dime
Resolution
Linear: 5μm to 0.078μm
Rotary: 6,600 to 4.2M CPR
Accuracy
Linear: ± 1μm available
± 3μm to ± 5μm standard
Rotary: Up to ± 2.1 arc-sec
Output
A-quad-B and Index Pulse
The New Mercury 2000 encoder represents the next level of encoder performance. With programmable interpolation, smallest sensor size,
easiest alignment, and superior noise immunity, the M2000 delivers Best-in-Class performance.
Next Generation Ruggedized
Design Replaces Mercury 2100
Standard features
• Smallest sensor- 1/3 the size of other encoders
• Revolutionary bolt-in alignment for many applications
• Advanced SmartPrecision electronics built into shielded D-sub connector
• A-quad-B output with programmable interpolation in integer steps
for resolutions to 0.078µm (linear); 4.2M CPR (rotary)
• LED set up indicators for sensor alignment and index location
• Bi-directional index signal is repeatable to encoder resolution
• New metal enclosure for SmartPrecision™electronics
Best-in-Class noise immunity for harsh environments
Shorter length for smaller, tighter cabinets
Frame mounting compatible for easy installation
Robust metal housing with easy access locking screws
• Double shielded long life cable
• CE compliant
New features
New design for more
robust performance


Similar Part No. - M2000-M05-256-2-R1206-HE

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
M2000-109118 AMPHENOL-M2000-109118 Datasheet
1Mb / 32P
D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109119 AMPHENOL-M2000-109119 Datasheet
1Mb / 32P
D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109120 AMPHENOL-M2000-109120 Datasheet
1Mb / 32P
D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109121 AMPHENOL-M2000-109121 Datasheet
1Mb / 32P
D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109122 AMPHENOL-M2000-109122 Datasheet
1Mb / 32P
D-Sub Connectors D- Sub-01 Rev. 10 / 10
More results

Similar Description - M2000-M05-256-2-R1206-HE

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM3750 UMC-UM3750 Datasheet
148Kb / 5P
Programmable Encoder/Decoder
logo
List of Unclassifed Man...
UM3751 ETC-UM3751 Datasheet
105Kb / 1P
PROGRAMMABLE ENCODER/DECODER
IP200 ETC-IP200 Datasheet
301Kb / 30P
Interpolation Circuit for Incremental Measuring Systems
SE25-112-0 ETC1-SE25-112-0 Datasheet
99Kb / 2P
Smart Encoder
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
Customizable and Fewer Steps to Test
logo
GSI Group, Inc.
M1000 MICROESYS-M1000 Datasheet
609Kb / 6P
Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
logo
Nippon Precision Circui...
SM3470BB NPC-SM3470BB Datasheet
474Kb / 19P
Interpolation Encoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com