Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M2000-M10-256-2-R1206-HE Datasheet(PDF) 5 Page - GSI Group, Inc.

Part # M2000-M10-256-2-R1206-HE
Description  Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M2000-M10-256-2-R1206-HE Datasheet(HTML) 5 Page - GSI Group, Inc.

  M2000-M10-256-2-R1206-HE Datasheet HTML 1Page - GSI Group, Inc. M2000-M10-256-2-R1206-HE Datasheet HTML 2Page - GSI Group, Inc. M2000-M10-256-2-R1206-HE Datasheet HTML 3Page - GSI Group, Inc. M2000-M10-256-2-R1206-HE Datasheet HTML 4Page - GSI Group, Inc. M2000-M10-256-2-R1206-HE Datasheet HTML 5Page - GSI Group, Inc. M2000-M10-256-2-R1206-HE Datasheet HTML 6Page - GSI Group, Inc. M2000-M10-256-2-R1206-HE Datasheet HTML 7Page - GSI Group, Inc. M2000-M10-256-2-R1206-HE Datasheet HTML 8Page - GSI Group, Inc. M2000-M10-256-2-R1206-HE Datasheet HTML 9Page - GSI Group, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
System Specifications
System
Grating Period
20µm
Signal Period
20µm
System Resolution 5µm - 0.078µm in integer interpolation steps (factory set or user
programmed using MicroE SmartPrecision Software)
Linear accuracy*
Interpolation
accuracy:
Better than ± 0.12µm over any 20µm movement
Long-travel
accuracy:
±1µm accuracy available - consult MicroE
Better than ± 3µm for scales up to 130mm
Better than ±5µm for scales 155mm to 1m
Better than ±5µm per meter for scales 1m or more
*Maximum peak to peak error over the specified movement when compared to a NIST-traceable laser interferometer standard,
used at room temperature and with MicroE interpolation electronics.
Rotary Accuracy* Scale O.D.
Microradians
Arc-Seconds
12.00mm
±100
±21
19.05mm
±63
±13
31.75mm
±38
±7.8
57.15mm
±19
±3.9
107.95mm
±10
±2.1
*Based on ideal scale mounting concentricity
Sensor Size
W:
12.70mm
0.500"
L:
20.57mm
0.810"
H:
8.38mm
0.330"
Operating and Electrical Specifications
Power Supply
5VDC ±5% @ 330mA (30mA for sensor)
Temperature
Operating:
0 to 70°C
Storage:
-20 to 70°C
Humidity:
10 - 90% RH non-condensing
EMI:
CE Compliant
Shock:
1500G 0.5 ms half sine (Sensor)
Sensor Weight:
5.0g (Sensor without cable)
Cable:
Double shield. Maximum length 2m. Diameter: 3.6mm (0.142”)
Flex Life: 20 x 10
6 cycles @ 20mm bending radius
Page 5 of 10
All Specifications are subject to change. All data is
accurate to the best of our knowledge. MicroE
Systems is not responsible for errors.
Mechanical Information - Sensor
or 78.7 [2000] ±.50 [12.7]
19.7 [500] or 39.4 [1000]
.142 [3.61]
CABLE DIAMETER
1.47
.058
4.22
.166
6.91
.272
0.94
.037
3.4
.13
SENSOR MTG SURFACE
A
2.03
.080
16.5
.650
2.11
.083
3.94
.155
8.5
.334
12.70
.500
10.29
.405
20.57
.810
THRU.
2X
2.69
.106
8.75
.345
6.2
.24
B
C
SENSOR MTG. SURFACE
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com