Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M2000-M05-256-3-R1206-HE Datasheet(PDF) 10 Page - GSI Group, Inc.

Part # M2000-M05-256-3-R1206-HE
Description  Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M2000-M05-256-3-R1206-HE Datasheet(HTML) 10 Page - GSI Group, Inc.

Back Button M2000-M05-256-3-R1206-HE Datasheet HTML 2Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 3Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 4Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 5Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 6Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 7Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 8Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 9Page - GSI Group, Inc. M2000-M05-256-3-R1206-HE Datasheet HTML 10Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
M
Miic
crro
oE
E S
Syysstte
em
mss – World Headquarters: 125 Middlesex Turnpike • Bedford • MA 01730
www.microesys.com • info@microesys.com • T. [781]-266-5700 • F. [781]-266-5112
DS-M2000 Rev G © 2008 MicroE Systems
Page 10 of 10
How to Order Mercury 2000 Encoder Systems
To specify your Mercury encoder with the desired scale, level of interpolation, maximum output frequency, cable length and software,
consult the chart below to create the correct part number for your order. Call MicroE Systems’ Rapid Customer Response team for
more information [508] 903-5000.
All Specifications are subject to change. All data is accurate to
the best of our knowledge. MicroE Systems is not responsible
for errors.
Scale Mounting
For linear scales:
T = Tape mounting
C1 = 3 scale clamps*
C2 = 10 scale clamps**
Hubs for Rotary Scales:
NH = Without Hub
HE = for R1206
HA = for R1910
HB = for R3213
HC = for R5725
HD = for R10851
Scale Model
Lxxx or Rxxxx
Interpolation
4 = 4x
5 = 5x
256 = 256x
Cable Length
M05 = 0.5 m
M10 = 1.0 m
M20 = 2.0 m
M2000 -
Maximum Output
Frequency
1 = 7.2 MHz
2 = 3.6 MHz
3 = 1.8 MHz
4 = 900 kHz
5 = 450 kHz
6 = 225 kHz
-
-
-
-
Example (Linear Encoder): M2000-M10-256-1-L55-C1
Example (Rotary Encoder): M2000-M10-256-1-R1910-HA
How to Order SmartPrecision Software
SmartPrecision Software
SSWA120 for 120 VAC, 60Hz
US Standard 2-prong plug
or
SSWA220 for 220 VAC,
50 Hz European Std. 2-prong plug
* 3 clamps for linear scales up to 130mm
** 10 clamps for linear scales 155mm or longer
Key: inches[mm]
Model No.
Scale Outer
Scale Inner
Optical
Hub Inner
Hub
Fundamental
Diameter
Diameter
Diameter
Diameter
Thickness
CPR
+.0005/-0.0000
R1206
0.472 [12.00]
0.250 [6.35]
0.413 [10.50]
0.1253 [3.18]
0.040 [1.02]
1650
R1910
0.750 [19.05]
0.375 [9.52]
0.627 [15.92]
0.1253 [3.183]
0.040 [1.02]
2500
R3213
1.250 [31.75]
0.500 [12.70]
1.027 [26.08]
0.2503 [6.358]
0.050 [1.27]
4096
R5725
2.250 [57.15]
1.000 [25.40]
2.053 [52.15]
0.5003 [12.708]
0.060 [1.52]
8192
R10851
4.250 [107.95]
2.000 [50.80]
4.106 [104.30]
1.0003 [25.408]
0.080 [2.03]
16384
HUB I.D.
OPTICAL DIAMETER
SCALE O.D.
HUB THICKNESS
SCALE
PATTERN
MOUNTING
HOLES
Specifications
Material
Soda lime glass
Typical CTE
8ppm/°C
Standard Rotary Scales
Custom scales available



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com