Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M1510-S-4-R3213-HB Datasheet(PDF) 5 Page - GSI Group, Inc.

Part # M1510-S-4-R3213-HB
Description  Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1510-S-4-R3213-HB Datasheet(HTML) 5 Page - GSI Group, Inc.

  M1510-S-4-R3213-HB Datasheet HTML 1Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 2Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 3Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 4Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 5Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 6Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 7Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 8Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 9Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
System Specifications
System
Grating Period
20µm
System Resolution 5µm, 2.5µm, 1.00µm, or 0.50µm (linear)
Linear Accuracy*
Better than ±1µm** available; contact MicroE
Better than ±3µm** up to 130mm, ±5µm from 155mm to 1m,
±5µm per meter from 1m to 2m
*Maximum peak to peak error over the specified movement when compared to a NIST-traceable laser interferometer standard,
used at room temperature and with MicroE interpolation electronics.
**Or +/- one quadrature count, whichever error value is greater.
Rotary Accuracy* Scale O.D.
Microradians**
Arc-Seconds**
12.00mm
±100
±21
19.05mm
±63
±13
31.75mm
±38
±7.8
57.15mm
±19
±3.9
107.95mm
±10
±2.1
*Based on ideal scale mounting concentricity
**Or +/- one quadrature count, whichever error value is greater.
Sensor Size
W:
12.70mm
0.500"
L:
20.57mm
0.810"
H:
8.38mm
0.330"
Operating and Electrical Specifications
Power Supply
5VDC ±5% @ 60mA
Temperature
Operating:
0 to 70°C
Storage:
-20 to 70°C
Humidity:
10 - 90% RH non-condensing
EMI:
M1500S: Entire system is EMI/RFI protected
M1500H: Customer provides shielding at cable termination
Shock:
1500G 0.5 ms half sine (Sensor)
Sensor Weight:
5.0g (Sensor without cable)
Cable:
Double Shield. Diameter: 3.6mm (0.142”)
Flex Life: 20 x 10
6 cycles @ 20mm bending radius
All Specifications are subject to change. All data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
Page 5 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com