Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M1510-S-40-R3213-HB Datasheet(PDF) 1 Page - GSI Group, Inc.

Part # M1510-S-40-R3213-HB
Description  Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1510-S-40-R3213-HB Datasheet(HTML) 1 Page - GSI Group, Inc.

  M1510-S-40-R3213-HB Datasheet HTML 1Page - GSI Group, Inc. M1510-S-40-R3213-HB Datasheet HTML 2Page - GSI Group, Inc. M1510-S-40-R3213-HB Datasheet HTML 3Page - GSI Group, Inc. M1510-S-40-R3213-HB Datasheet HTML 4Page - GSI Group, Inc. M1510-S-40-R3213-HB Datasheet HTML 5Page - GSI Group, Inc. M1510-S-40-R3213-HB Datasheet HTML 6Page - GSI Group, Inc. M1510-S-40-R3213-HB Datasheet HTML 7Page - GSI Group, Inc. M1510-S-40-R3213-HB Datasheet HTML 8Page - GSI Group, Inc. M1510-S-40-R3213-HB Datasheet HTML 9Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Resolution
Factory Set:
x4, x8, x20, or x40
Linear: 5μm, 2.5μm, 1.0μm,
or 0.50μm
Rotary: 6,600 to 655,000 CPR
Accuracy
Linear: ± 1μm available
± 3μm to ± 5μm standard
Rotary: Up to ± 2.1 arc-sec
Output
A-quad-B and
Digital Index Window
Mercury TM1500 Digital Output Encoder Systems
Factory Set Resolution to 0.50μm
Reflective Linear and Rotary Encoders
Imagine what you can do with this!
Reduce the cost and size of your system, and increase its performance all at
once. MicroE Systems’ Mercury 1500 kit encoders are available in two
styles. The M1500S, an RS-422 compliant 15 pin standard D-sub connector
and the M1500H, an RS-422 compatible 5x2 micro-connector for tight
spaces. Simply stated, the M1500 is smaller, higher performance, faster to
install, and easier to use than any other encoder. The tiny sensor fits into
very tight spaces, has broad alignment tolerances for fast and easy setup
and works in both linear and rotary applications. The entire Mercury 1500S
encoder is EMI shielded for use in the toughest environments. With
standard digital A-quad-B output, select the Mercury 1500 encoder with the
resolution required by your application.
The Mercury 1500 encoder system includes the sensor, double shielded cable, your choice of connector, and either a linear or rotary
glass scale. Mercury’s space-saving, integrated configuration gives OEM system designers a breakthrough in performance.
Table of Contents
System & Sensor
pg . 2-6
Scales
pg. 7-8
O
rdering Information
pg. 9
Standard features
• Small sensor with ultra-low Z height; flush screw mounting
• Sensor is 8.4mm (H) x 12.7mm (W) x 20.6mm (L) and weighs 1.6g
• Available with 15 pin standard D connector or micro-connector
• A-quad-B output and Index window
• Factory set interpolation x4, x8, x20, x40 for resolutions of 5µm to
0.50µm (linear); 6,600 CPR to 655,000 CPR (rotary)
• Entire system is EMI shielded
• Bi-directional index signal
• Index mark at the center or end of the glass scale (linear)
• Alignment Tool enables fast set up (see pg 2)
Sensor the
size of a
dime
Available
with standard
15 pin D-sub connector
or
Micro connector
• Glass scale length or diameter:
Linear lengths from 5mm to 2m
Rotary diameters from 12mm to 108mm
• Cable length of 1m, 2m, 5m or custom
• SmartPrecision Software for set up
Optional Features & Accessories
• SmartPrecision Alignment Tool


Similar Part No. - M1510-S-40-R3213-HB

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M1510-2 MOSDESIGN-M1510-2 Datasheet
26Kb / 2P
M3764P RANDOM / SEQUENCE
2005-11-04
M1510-8 MOSDESIGN-M1510-8 Datasheet
26Kb / 2P
M3764P RANDOM / SEQUENCE
2005-11-04
More results

Similar Description - M1510-S-40-R3213-HB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7188A PHILIPS-SAA7188A Datasheet
168Kb / 36P
Digital Video Encoder DENC2-M
1996 Jul 08
logo
ams AG
AS5311 AMSCO-AS5311 Datasheet
546Kb / 23P
High Resolution Magnetic Linear Encoder
logo
GSI Group, Inc.
M1000 MICROESYS-M1000 Datasheet
609Kb / 6P
Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
logo
Sharp Corporation
GP2D150AJ00F SHARP-GP2D150AJ00F Datasheet
266Kb / 9P
Factory set trigger point: 15째
logo
ams AG
AS5311 AMSCO-AS5311_07 Datasheet
418Kb / 29P
High Resolution Magnetic Linear Encoder
logo
Broadcom Corporation.
AEDR-871X BOARDCOM-AEDR-871X Datasheet
1Mb / 14P
3-Channel High Resolution Reflective Incremental Encoder (Digital Outputs)
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
Digital Output Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com