Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M1510-H-8-R10851-HD Datasheet(PDF) 9 Page - GSI Group, Inc.

Part # M1510-H-8-R10851-HD
Description  Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1510-H-8-R10851-HD Datasheet(HTML) 9 Page - GSI Group, Inc.

  M1510-H-8-R10851-HD Datasheet HTML 1Page - GSI Group, Inc. M1510-H-8-R10851-HD Datasheet HTML 2Page - GSI Group, Inc. M1510-H-8-R10851-HD Datasheet HTML 3Page - GSI Group, Inc. M1510-H-8-R10851-HD Datasheet HTML 4Page - GSI Group, Inc. M1510-H-8-R10851-HD Datasheet HTML 5Page - GSI Group, Inc. M1510-H-8-R10851-HD Datasheet HTML 6Page - GSI Group, Inc. M1510-H-8-R10851-HD Datasheet HTML 7Page - GSI Group, Inc. M1510-H-8-R10851-HD Datasheet HTML 8Page - GSI Group, Inc. M1510-H-8-R10851-HD Datasheet HTML 9Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DS-M1500 H&S Rev H © 2009 MicroE Systems
Page 9 of 9
M
Miic
crro
oE
E S
Syysstte
em
mss – World Headquarters: 125 Middlesex Turnpike • Bedford • MA 01730
www.microesys.com • info@microesys.com • T. [781]-266-5700 • F. [781]-266-5112
Example (Linear Encoder): M1510-S-8-L55-C1 Example (Rotary Encoder): M1510-S-40-R1910-HA
M15XX
–
Connector Type – Interpolation
– Scale Model – Scale Mounting
M1510 = 1m cable
4 = 4x
Lxxx or Rxxxx
For linear scales:
M1520 = 2m cable
8 = 8x
T = Tape mounting
M1550 = 5m cable
20 = 20x
C1 = 3 scale clamps*
40 = 40x
C2 = 10 scale clamps**
Hubs for Rotary Scales:
NH = Without Hub
HE = for R1206
HA = for R1910
HB = for R3213
HC = for R5725
HD = for R10851
How to Order Mercury 1500 Encoder Systems
To specify your Mercury encoder with the desired scale, level of interpolation, maximum output frequency, cable length and software,
consult the chart below to create the correct part number for your order. Call MicroE Systems’ Rapid Customer Response team for
more information [508] 903-5000.
* 3 clamps for linear scales up to 130mm
** 10 clamps for linear scales 155mm or longer
All Specifications are subject to change. All data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
S = Standard
15 pin D-sub
H = Micro-
connector
All Specifications are subject to change. All
data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
How to Order SmartPrecision Alignment Tool
How to Order SmartPrecision Software
SSWA-AT = SmartPrecision software on CD
Optional for SSAT1500 Alignment Tool
SmartPrecision Software
Example: Alignment Tool for Mercury 1500 encoder, 120 VAC = SSAT1500-H-120
SSAT1500
–
Connector
–
Voltage
H = micro connector
for M1500H
S = 15-pin Std. D-sub connector for
M1500S
120 = 120 VAC, 60Hz US Std. 2-prong plug
220 = 220 VAC, 50Hz European Std. 2-prong plug



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com