Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2449 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2449
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2449 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2449 Datasheet HTML 3Page - RF Micro Devices RF2449 Datasheet HTML 4Page - RF Micro Devices RF2449 Datasheet HTML 5Page - RF Micro Devices RF2449 Datasheet HTML 6Page - RF Micro Devices RF2449 Datasheet HTML 7Page - RF Micro Devices RF2449 Datasheet HTML 8Page - RF Micro Devices RF2449 Datasheet HTML 9Page - RF Micro Devices RF2449 Datasheet HTML 10Page - RF Micro Devices RF2449 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary
8-81
RF2449
Rev A4 001016
8
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
50
Ω µstrip
C1
33 nF
L2
30 nH
50
Ω µstrip
L1
6.8 nH
50
Ω µstrip
C3
100 pF
C2
1 nF
VCC1
50
Ω µstrip
R1
510
Ω
L3
6.8 nH
VCC2
C6
3.0 pF
50
Ω µstrip
J2
LNA OUT
410 ps Electrical Delay @ 880 MHz
0.13 dB Line Loss
J1
LNA IN
440 ps Electrical Delay @ 880 MHz
0.14 dB Line Loss
R2
22 k
Ω
R3
33 k
Ω
L7
470 nH
R4
5.6 k
Ω
C7
5 pF
C8
5 pF
50
Ω µstrip
50
Ω µstrip
50
Ω µstrip
C9
8 pF
50
Ω µstrip
J4
IF1 OUT
268 ps Electrical Delay @ 110 MHz
0.025 dB Line Loss
L6
220 nH
C10
100 pF
C11
1 nF
VCC1
50
Ω µstrip
L4
1.5 nH
C17
33 nF
50
Ω µstrip
L5
22 nH
50
Ω µstrip
*
C18
100 pF
VCC2
C19
100 pF
50
Ω µstrip
50
Ω µstrip
J6
LO IN
313 ps Electrical Delay @ 880 MHz
0.09 dB Line Loss
J5
IF2 OUT
268 ps Electrical Delay @ 110 MHz
0.025 dB Line Loss
50
Ω µstrip
L9
470 nH
R5
5.6 k
Ω
50
Ω µstrip
50
Ω µstrip
C16
5 pF
C15
5 pF
L8
220 nH
50
Ω µstrip
C14
8 pF
50
Ω µstrip
50
Ω µstrip
C12
100 pF
C13
1 nF
VCC1
1
2
3
P2
CON3
P2-3
IF SEL
GND
P2-1
LNA GAIN
P1-1
IP SET
GND
P1-3
ENABLE
1
2
3
P1
CON3
1
2
3
P3
CON3
P3-3
C20
22 pF
MIX GAIN
GND
NC
1
2
3
P4
CON3
P4-3
VCC2
GND
P4-1
VCC1
NOTE: LE
Microstrip Inductor, Z
O = 50 Ω, L = 100 mils
For IF Freq. = 85 MHz
C14, C15, C5, C6 = 8 pF
L6 and L8 = 470 nH
C7 and C13 = 15 pF
50
Ω µstrip
J3
MIXER IN
290 ps Electrical Delay @ 880 MHz
0.07 dB Line Loss
50
Ω µstrip
2449400A
C5
100 pF
C4
1 nF
ENABLE
IP SET
IF SEL
LNA GAIN
MIX GAIN
R6
56
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com