Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2459 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2459
Description  3V PCS DOWNCONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2459 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2459 Datasheet HTML 1Page - RF Micro Devices RF2459 Datasheet HTML 2Page - RF Micro Devices RF2459 Datasheet HTML 3Page - RF Micro Devices RF2459 Datasheet HTML 4Page - RF Micro Devices RF2459 Datasheet HTML 5Page - RF Micro Devices RF2459 Datasheet HTML 6Page - RF Micro Devices RF2459 Datasheet HTML 7Page - RF Micro Devices RF2459 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ü
8-97
8
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
LO IN
2
GND2
3
VCC
4
GND1
8
IF+
7
IF-
6
GND3
5RF IN
RF2459
3V PCS DOWNCONVERTER
• CDMA/TDMA/DCS1900 PCS Systems
• PHS 1500/WLAN 2400 Systems
• General Purpose Downconverter
• Micro-Cell PCS Base Stations
• Portable Battery-Powered Equipment
The RF2459 is a monolithic integrated downconverter for
PCS, PHS, and WLAN applications. The IC contains all of
the required components to implement the RF functions
of the downconverter. It contains a double-balanced Gil-
bert cell mixer and a balanced IF output. The mixer’s high
third-order intercept point makes it ideal for digital cellular
applications. The IC is designed to operate from a single
3 V power supply.
• Extremely High Dynamic Range
• Single 3V Power Supply
• 1500MHz to 2500MHz Operation
RF2459
3V PCS Downconverter
RF2459 PCBA
Fully Assembled Evaluation Board
8
Rev A2 010717
NOTES:
1. Shaded lead is pin 1.
2. All dimensions are exclusive of
flash, protrusions or burrs.
3. Lead coplanarity: 0.002 with
respect to datum "A".
0.012
6° MAX
0° MIN
0.021
+0.004
0.006
+0.002
0.192
+ 0.008
0.0256
0.118
+0.004 sq.
0.006
+0.003
0.034
-A-
Package Style: MSOP-8


Similar Part No. - RF2459

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
3V LOW NOISE AMPLIFIER
RF2456 RFMD-RF2456 Datasheet
261Kb / 8P
CDMA/FM DOWNCONVERTER
More results

Similar Description - RF2459

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5M31 TRIQUINT-TQ5M31 Datasheet
229Kb / 16P
3V Downconverter Mixer IC
logo
Agilent(Hewlett-Packard...
IAM-91563 HP-IAM-91563 Datasheet
198Kb / 16P
0.8-6 GHz 3V Downconverter
logo
List of Unclassifed Man...
CV111-1 ETC-CV111-1 Datasheet
254Kb / 4P
PCS/DCS-band High Linearity Downconverter
logo
WJ Communication. Inc.
CV111-1A WJCI-CV111-1A Datasheet
238Kb / 4P
PCS/DCS-band High Linearity Downconverter
CV211-1A WJCI-CV211-1A Datasheet
313Kb / 6P
PCS/DCS-band Dual-Branch Downconverter
logo
Tyco Electronics
MADCSM0012 MACOM-MADCSM0012 Datasheet
202Kb / 6P
PCS LNA / Downconverter 1800-2000 MHz
logo
WJ Communication. Inc.
CV111-1A WJCI-CV111-1A_07 Datasheet
274Kb / 4P
PCS/DCS-band High Linearity Downconverter
logo
Texas Instruments
TRF4000 TI-TRF4000 Datasheet
102Kb / 8P
PCS RF DOWNCONVERTER
logo
AVAGO TECHNOLOGIES LIMI...
IAM-91563 AVAGO-IAM-91563 Datasheet
289Kb / 14P
0.8?? GHz 3V Downconverter
logo
Broadcom Corporation.
DEMO-IAM9156-3 BOARDCOM-DEMO-IAM9156-3 Datasheet
289Kb / 14P
0.8?? GHz 3V Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com