Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2617 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2617
Description  3V CDMA/FM RECEIVE AGC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2617 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2617 Datasheet HTML 1Page - RF Micro Devices RF2617 Datasheet HTML 2Page - RF Micro Devices RF2617 Datasheet HTML 3Page - RF Micro Devices RF2617 Datasheet HTML 4Page - RF Micro Devices RF2617 Datasheet HTML 5Page - RF Micro Devices RF2617 Datasheet HTML 6Page - RF Micro Devices RF2617 Datasheet HTML 7Page - RF Micro Devices RF2617 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
10-18
RF2617
Rev B4 010717
10
Absolute Maximum Ratings
Parameter
Value
Unit
Supply Voltage
-0.5 to +7.0
VDC
Control Voltage
-0.5 to +5.0
VDC
Input RF Power
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, 85MHz, VCC=3.0V, ZS =500Ω,
ZL=500Ω, 500Ω External CDMA Input Ter-
minating Resistor, 500
Ω External Output
Terminating Resistor (Effective ZS=333Ω,
Effective ZL=250Ω) (See application sche-
matic).
Frequency Range
12 to 285
MHz
CDMA Maximum Gain
+45
+48
dB
VGC=2.4V
CDMA Minimum Gain
-48
-45
dB
VGC=0.3V
FM Maximum Gain
+45
+49
dB
VGC=2.4V
FM Minimum Gain
-48
-45
dB
VGC=0.3V
Gain Slope
57
dB/V
Measured in 0.5V increments
Gain Control Voltage Range
0 to 3
VDC
Source impedance of 4.7k
Ω
Gain Control Input Impedance
30
k
Ω
Noise Figure
5
8
dB
At maximum gain and 85MHz
Input IP3
-44
-40
dBm
At +40dB gain, referenced to 500
Ω
-4
-2
dBm
At minimum gain, referenced to 500
Ω
Stability (Max VSWR)
10:1
Spurious< -70dBm
IF Input
Input Impedance
1
k
Ω
CDMA, differential
Input Impedance
850
Ω
FM, single-ended
CDMA to FM Isolation
30
dB
Power Supply
Voltage
2.7 to 3.3
V
Current Consumption
13
15
mA
Minimum gain, VCC=3.0V
Current Consumption
14
16
mA
Maximum gain, VCC=3.0V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com