Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2628 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2628
Description  CDMA/FM UPCONVERTER/BPSK MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2628 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2628 Datasheet HTML 1Page - RF Micro Devices RF2628 Datasheet HTML 2Page - RF Micro Devices RF2628 Datasheet HTML 3Page - RF Micro Devices RF2628 Datasheet HTML 4Page - RF Micro Devices RF2628 Datasheet HTML 5Page - RF Micro Devices RF2628 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6-22
RF2628
Rev B4 010720
6
Application Schematic
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
1nF
IF+
1nF
IF-
100 pF
100 pF
LO
RF OUT
100 pF
100 nF
V
CC
100 pF
2628400-
1
2
3
4
5
6
7
8
C4
22 pF
C2
470 pF
T1
1:1
C1
470 pF
C3
4pF
L1
100 nH
P1
1
2
3
NC
GND
P1-1
VCC
50
Ωµstrip
J1
IF IN
C5
22 pF
50
Ωµstrip
J2
LO IN
C6
47 pF
C7
100 nF
VCC
50
Ωµstrip
J3
RF OUT
C8
100 pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com