Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2667 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2667
Description  RECEIVE AGC AND DEMODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2667 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2667 Datasheet HTML 2Page - RF Micro Devices RF2667 Datasheet HTML 3Page - RF Micro Devices RF2667 Datasheet HTML 4Page - RF Micro Devices RF2667 Datasheet HTML 5Page - RF Micro Devices RF2667 Datasheet HTML 6Page - RF Micro Devices RF2667 Datasheet HTML 7Page - RF Micro Devices RF2667 Datasheet HTML 8Page - RF Micro Devices RF2667 Datasheet HTML 9Page - RF Micro Devices RF2667 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
7-10
RF2667
Rev A14 010622
7
CDMA Cascade Conversion Gain versus Gain Control
Gain Control Voltage (VCC=3.0V, 85MHz)
-80
-60
-40
-20
0
20
40
60
0
0.5
1
1.5
2
2.5
VGC (V)
Temp= 25 deg C
Temp= -30 deg C
Temp= 85 deg C
CDMA OIP3 versus Gain
(VCC=3.0V, 85 MHz)
-70
-60
-50
-40
-30
-20
-10
0
10
-80
-60
-40
-20
0
20
40
60
Gain (dB)
Temp= 25 deg C
Temp= -30 deg C
Temp= 85 deg C
CDMA IIP3 versus Gain
(VCC=3.0V, 85 MHz)
-60
-50
-40
-30
-20
-10
0
-80
-60
-40
-20
0
20
40
60
Gain (dB)
Temp= 25 deg C
Temp= -30 deg C
Temp= 85 deg C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com