Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2689 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2689
Description  W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2689 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2689 Datasheet HTML 2Page - RF Micro Devices RF2689 Datasheet HTML 3Page - RF Micro Devices RF2689 Datasheet HTML 4Page - RF Micro Devices RF2689 Datasheet HTML 5Page - RF Micro Devices RF2689 Datasheet HTML 6Page - RF Micro Devices RF2689 Datasheet HTML 7Page - RF Micro Devices RF2689 Datasheet HTML 8Page - RF Micro Devices RF2689 Datasheet HTML 9Page - RF Micro Devices RF2689 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Preliminary
7-44
RF2689
Rev A4 010815
7
Pin
Function
Description
Interface Schematic
1VGC1
Analog gain control. Valid control voltage ranges are form 0.5V to 2.5V.
These voltages are valid with a 10k
Ω resistor in series with GC pin.
2GSM IN+
GSM IF balanced input. Input internally DC-biased.
3GSM IN-
Same as pin 2.
4
W-CDMA
IN+
W-CDMA IF balanced input. Input internally DC-biased.
5
W-CDMA
IN-
Same as pin 4.
See pin 4.
6VCC
Supply
7MODE A
DCS/GSM/GSM RX/W-CDMA mode selection.
8LO
LO input pin. Input internally DC-biased.
9MODE B
Warm-up mode enable. The input LO buffers and divider chains are
enabled.
10
EN RX
Chip enable.
11
Q OUT-
Complementary output to Q OUT+.
12
Q OUT+
Balanced baseband output.
13
I OUT-
Complementary output to I OUT+.
14
I OUT+
Balanced baseband output.
15
CALEN
Calibration enable.
16
FCLK
FCLK clock reference for the automatic calibration circuitry.
17
IF-
Complementary output to IF+.
18
IF+
IF test point output.
19
VREF2V
2V voltage reference decouple.
20
VGC2
Gain control decouple.
Pkg
Base
Die
Flag
Ground.
1200
Ω
1200
Ω
W-CDMA IN+
BIAS
BIAS
W-CDMA IN-
150
µA
QOUT-
QOUT+
V
CC
V
CC
150
µA
150
µA
IOUT-
IOUT+
150
µA
V
CC
V
CC
20 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com