Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2915 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2915
Description  433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2915 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2915 Datasheet HTML 8Page - RF Micro Devices RF2915 Datasheet HTML 9Page - RF Micro Devices RF2915 Datasheet HTML 10Page - RF Micro Devices RF2915 Datasheet HTML 11Page - RF Micro Devices RF2915 Datasheet HTML 12Page - RF Micro Devices RF2915 Datasheet HTML 13Page - RF Micro Devices RF2915 Datasheet HTML 14Page - RF Micro Devices RF2915 Datasheet HTML 15Page - RF Micro Devices RF2915 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
11-122
RF2915
Rev A7 001011
11
915 MHz Application Schematic
16
17
23
2
10
8
Linear
RSSI
31
LNA
6
4
1
32
26
24
25
13
19
18
11
15
14
22
21
29
PA
Control
Logic
12
3
5
7
9
20
30
28
27
Gain
Control
915 MHz SAW
22 pF
10 nH
10 pF
V
CC
8.2 uH
22 pF
V
CC
100 pF
100 pF
11 pF
10
10 nF
10
10 nF
RX ENABL
TX ENABL
Filter
10 nF 10 nF
51 k
10 pF
RSSI
Filter
5pF
FM Disc.
1.5 k
10 nF
10 nF
10 nF
MOD IN
22
k
220
pF
2.2 nF
10 k
33 pF
PLL
IC
22 pF
10 nF
10
V
CC
22 pF
4.7 nH
4.7 nH
4pF
10 nF
100
V
CC
D1
SMV1234
-011
22 pF
10 nF
10
V
CC
LVL ADJ
DATA OUT
PLL LOOP BANDWIDTH ~10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com