Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2938 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2938
Description  2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2938 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2938 Datasheet HTML 1Page - RF Micro Devices RF2938 Datasheet HTML 2Page - RF Micro Devices RF2938 Datasheet HTML 3Page - RF Micro Devices RF2938 Datasheet HTML 4Page - RF Micro Devices RF2938 Datasheet HTML 5Page - RF Micro Devices RF2938 Datasheet HTML 6Page - RF Micro Devices RF2938 Datasheet HTML 7Page - RF Micro Devices RF2938 Datasheet HTML 8Page - RF Micro Devices RF2938 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2-4
RF2938
Rev A8 010418
11
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Transmit Power Amp
Linear Output Power
6
dBm
Gain
23
dB
Output P1dB
12
dBm
Output Impedance
50
Ω
Input IP3
0
dBm
Input Impedance
50
Ω
Power Down Control
Logical Controls “ON”
VCC-0.3V
VCC+0.3V
V
Voltage supplied to the input, not to exceed
3.6V
Logical Controls “OFF”
-0.3
0
0.3
V
Voltage supplied to the input.
Control Input Impedance
>1
M
Ω
RSSI Response Time
1.8
µs<8pF on RSSI output.
RX VGC Response TIme
200
ns
Full step in gain, to 90% of final output level.
RX EN Response TIme
2
µs
I/Q output VALID
TX EN Response TIme
330
ns
To IF output VALID
VPD to RX Response TIme
1.33
ms
To I/Q output VALID
VPD to TX Response TIme
50
µs
To IF output VALID
IF LO Input
The IF LO is divided by 2 and split into
quadrature signals to drive the frequency
mixers.
Input Impedance
1050-j1200
Ω
f= 560MHz
Input Power Range
-15
-10
0
dBm
peak
Input Frequency
90
1000
MHz
(2x IF Frequency)
RF LO Input
Input Impedance
33-j110
Ω
f= 2.16GHz untuned.
Input Power Range
-15
0
dBm
Input Frequency
2000
2400
MHz
Power Supply
Voltage
2.7
3.3
3.6
V
Total Current Consumption
VCC=3.3V, Baseband BW 1MHz to 40MHz
Sleep Mode Current
1
µAPD=0, RX EN=1, TX EN=1
PA Driver Current
48
mA
RX Current
BW (MHz)
0-11
65
mA
12-20
70
mA
20-30
110
mA
TX Current
BW (MHz)
Excluding PA Driver
0-11
95
mA
12-20
105
mA
20-30
115
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com