Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF3330 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3330
Description  IF GAIN CONTROLLED AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3330 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3330 Datasheet HTML 1Page - RF Micro Devices RF3330 Datasheet HTML 2Page - RF Micro Devices RF3330 Datasheet HTML 3Page - RF Micro Devices RF3330 Datasheet HTML 4Page - RF Micro Devices RF3330 Datasheet HTML 5Page - RF Micro Devices RF3330 Datasheet HTML 6Page - RF Micro Devices RF3330 Datasheet HTML 7Page - RF Micro Devices RF3330 Datasheet HTML 8Page - RF Micro Devices RF3330 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
3-1
3
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
4
VOUTB
3
VOUT
2
GND
1
VCC
8VCC
7VIN
6VINB
5VAGC
Biasing &
AGC
Control
RF3330
IF GAIN CONTROLLED AMPLIFIER
• CATV Set-Top Boxes
• Cable Modems
• Cable-Ready TVs
The RF3330 is a gain-controlled amplifier suitable for
application in the IF receive section of a cable tuner. It
consists of a high impedance differential input stage, a
low impedance differential output stage, and a differential
gain-controlled amplifier. The voltage gain may be varied
by applying an analog control voltage. The device is fabri-
cated on an advanced Bi-CMOS process, and is housed
in an eight-lead SOT23 package.
• Single 5V Positive Power Supply
• 26dB Gain Range
• 150MHz Bandwidth
• Compact Package
RF3330
IF Gain Controlled Amplifier
RF3330 PCBA
Fully Assembled Evaluation Board - 75
Ω
RF3330 PCBA
Fully Assembled Evaluation Board - 50
Ω
3
Rev A2 010820
0.127
3°MAX
0°MIN
0.55
0.35
0.365
1.59
1.61
3.00
2.60
3.00
2.80
0.650
0.15
0.05
1.44
1.04
*When Pin 1 is in upper
left, text reads downward
(as shown).
Package Style: SOT23-8


Similar Part No. - RF3330

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3330 RFMD-RF3330 Datasheet
163Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330 Datasheet
313Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
RF3330PCBA-41X RFMD-RF3330PCBA-41X Datasheet
163Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
RF3330PCBA-41X RFMD-RF3330PCBA-41X Datasheet
313Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330_06 Datasheet
163Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
More results

Similar Description - RF3330

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2601 RFMD-RF2601 Datasheet
781Kb / 11P
GAIN CONTROLLED IF AMPLIFIER
logo
Infineon Technologies A...
TDA6192 INFINEON-TDA6192 Datasheet
442Kb / 26P
Gain-controlled IF Amplifier
Version 2.1 May 2002
logo
Linear Technology
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
logo
Maxim Integrated Produc...
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
logo
RF Micro Devices
RF3330 RFMD-RF3330_06 Datasheet
163Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
RF3330 RFMD-RF3330_1 Datasheet
313Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
logo
Linear Technology
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LTC6431-15 LINER-LTC6431-15_15 Datasheet
635Kb / 16P
Gain Block IF Amplifier
LT5514 LINER-LT5514_15 Datasheet
285Kb / 20P
Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com