Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF5176 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5176
Description  3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5176 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5176 Datasheet HTML 1Page - RF Micro Devices RF5176 Datasheet HTML 2Page - RF Micro Devices RF5176 Datasheet HTML 3Page - RF Micro Devices RF5176 Datasheet HTML 4Page - RF Micro Devices RF5176 Datasheet HTML 5Page - RF Micro Devices RF5176 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
2-200
RF5176
Rev A0 010910
2
Application Schematic
Alternative Biasing Networks for Various VREG Voltages
VREG (V)
R5 (1ST) k
Ω
R6 (1ST-GND) k
Ω
R7 (2ND-GND) k
Ω
R8 (2ND) k
Ω
2.50
240
360
240
240
2.60
240
330
360
380
2.70
240
300
200
230
2.80
240
270
220
270
2.90
220
240
180
240
5
6
7
8
9
10
11
12
4
3
2
1
16
15
14
13
20
19
18
17
R5
240 k
Ω
R6
360 k
Ω
R8
240 k
Ω
R7
240 k
Ω
VCC BIAS
VREG
15 pF
100 nF
15 nH
16 nH
15 pF
10 nF
1
µF
3.6 pF
3pF
15 pF
RF OUT
12 pF
10 nH
10 nF
1
µF
4.7
µF
V
CC
5.6 pF
1.5 nH
RF IN
15 pF
100 nF
V
CC =3.4 V
V
REG =2.5 V
V
CC BIAS = 3.4 V
E
R = 4.7 H = 14 mils
W = 0.028"
L = 0.060"
W = 0.028"
L = 0.120"
W = 0.028"
L = 0.060"



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com