Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF9908 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF9908
Description  CDMA/FM UPCONVERTER/BPSK MODULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9908 Datasheet(HTML) 4 Page - RF Micro Devices

  RF9908 Datasheet HTML 1Page - RF Micro Devices RF9908 Datasheet HTML 2Page - RF Micro Devices RF9908 Datasheet HTML 3Page - RF Micro Devices RF9908 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6-60
RF9908
Rev A2 010720
6
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
Evaluation Board Layout
Board Size 1.4” x 1.4”
Board Thickness 0.031”, Board Material FR-4
1
2
3
4
8
7
6
5
C1
2.2 nF
C2
2.2 nF
C3
8pF
C4
10 nF
50
Ω Microstrip
C5
10 nF
50
Ω Microstrip
C6
47 pF
C7
100 nF
P1-1
T1
1:4
IF IN
J1
LO-
RF OUT
J3
P1-1
NC
P1
GND
VCC
1
2
3
9908400 Rev -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com