Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF9957 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF9957
Description  CDMA/FM RECEIVE AGC AND DEMODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9957 Datasheet(HTML) 4 Page - RF Micro Devices

  RF9957 Datasheet HTML 1Page - RF Micro Devices RF9957 Datasheet HTML 2Page - RF Micro Devices RF9957 Datasheet HTML 3Page - RF Micro Devices RF9957 Datasheet HTML 4Page - RF Micro Devices RF9957 Datasheet HTML 5Page - RF Micro Devices RF9957 Datasheet HTML 6Page - RF Micro Devices RF9957 Datasheet HTML 7Page - RF Micro Devices RF9957 Datasheet HTML 8Page - RF Micro Devices RF9957 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
7-30
RF9957
Rev C11 010622
7
Pin
Function
Description
Interface Schematic
14
IN SEL
Selects between CDMA and FM mode. This is a digitally controlled
input. A logic “high” (
≥VCC-0.7V
DC) selects CDMA mode. A logic “low”
(<0.5VDC) selects FM mode. In FM mode, ONLY the I mixer is active.
There is no Q output in FM mode. The impedance on this pin is 30k
Ω.
15
Q OUT-
Balanced Baseband Output of Q Mixer. This pin is internally DC biased
and should be DC blocked externally. This output is active in CDMA
mode, but is NOT active in FM mode. The output can be used in a sin-
gle-ended configuration by leaving one of the two pins unconnected,
however half the output voltage will be lost. Each pin should be loaded
with 2.5k
Ω. The balanced load should be 5kΩ. The single-ended output
impedance is 1k
Ω, while the balanced output impedance is 2kΩ.
16
Q OUT+
Same as pin 15, except complementary output.
See pin 15.
17
GND
Same as pin 6.
18
FL-
Balanced AGC Output/Demod Input. This balanced node is pinned out
to allow shunt filtering of the AGC output signal as it enters the demod-
ulator. The basic configuration of the filter should consist of a shunt
inductor and shunt capacitor, both connected to the power supply, as
the internal circuitry requires this power supply connection through the
inductor to operate.
19
FL+
Same as pin 18, except complementary.
See pin 18.
20
GND
Same as pin 6.
21
I OUT+
Balanced Baseband Output of I Mixer. This pin is internally DC biased
and should be DC blocked externally. This output is active in both
CDMA and FM modes. The output can be used in a single-ended con-
figuration by leaving one of the two pins unconnected, however half the
output voltage will be lost. Each pin should be loaded with 2.5k
Ω.The
balanced load should be 5k
Ω. The single-ended output impedance is
1k
Ω, while the balanced output impedance is 2kΩ.
22
I OUT-
Same as pin 21, except complementary output.
See pin 22.
23
GC
Analog Gain Control for AGC Amplifiers. The valid control range is from
0.5to2.5VDC. These voltages are valid for ONLY a 37kΩ source
impedance. The gain range for the AGC is 95dB.
60 k
Ω
BIAS
IN SEL
60 k
Ω
1k
Ω
1k
Ω
V
CC
V
CC
Q OUT+
Q OUT-
1.2 k
Ω
1.2 k
Ω
V
CC2
V
CC2
FL+
FL-
V
CC1
V
CC1
1k
Ω
1k
Ω
V
CC
V
CC
I OUT+
I OUT-
21 k
Ω
BIAS
40 k
Ω
GC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com