Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC4081 Datasheet(PDF) 3 Page - Rohm

Part # 2SC4081
Description  2SC4097 / 2SC1741S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4081 Datasheet(HTML) 3 Page - Rohm

  2SC4081 Datasheet HTML 1Page - Rohm 2SC4081 Datasheet HTML 2Page - Rohm 2SC4081 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2SC2412K / 2SC4081 / 2SC4617 /
Transistors
2SC5658 / 2SC1740S
0.2
20
10
0.5 1
2
5
10 20
50 100 200
50
100
200
500
VCE=5V
3V
1V
Ta=25
°C
Fig.4 DC current gain vs.
collector current (
Ι )
COLLECTOR CURRENT : IC
(mA)
0.2
0.5
1
2
5
10 20
50 100 200
20
10
50
100
200
500
25
°C
−55°C
Ta=100
°C
VCE=
5V
Fig.5 DC current gain vs.
collector current (
ΙΙ )
COLLECTOR CURRENT : IC
(mA)
Fig. 6 Collector-emitter saturation
voltage vs. collector current
0.2
COLLECTOR CURRENT : IC
(mA)
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=50
20
10
Ta=25
°C
Fig.7 Collector-emitter saturation
voltage vs. collector current (
Ι )
0.2
COLLECTOR CURRENT : IC
(mA)
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=10
Ta=100
°C
25
°C
−55°C
Fig.8 Collector-emitter saturation
voltage vs. collector current (
ΙΙ)
COLLECTOR CURRENT : IC
(mA)
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5 1
2
5
10
20
50 100
IC/IB=50
Ta=100
°C
25
°C
−55°C
Fig.9 Gain bandwidth product vs.
emitter current
50
−0.5 −1
−2
−5 −10 −20
−50 −100
100
200
500
Ta=25
°C
VCE
=6V
EMITTER CURRENT : IE
(mA)
Fig.10
Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
0.2
0.5
1
2
5
10
20
50
1
2
5
10
20
Cob
Ta=25
°C
f
=1MHz
IE
=0A
IC
=0A
Cib
Fig.11 Base-collector time constant
vs. emitter current
−0.2
−0.5
−1
−2
−5
−10
EMITTER CURRENT : IE
(mA)
10
20
50
100
200
Ta=25
°C
f=32MHZ
VCB=6V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com