Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA6798S Datasheet(PDF) 1 Page - Rohm

Part # BA6798S
Description  4-channel BTL driver for CD players
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6798S Datasheet(HTML) 1 Page - Rohm

  BA6798S Datasheet HTML 1Page - Rohm BA6798S Datasheet HTML 2Page - Rohm BA6798S Datasheet HTML 3Page - Rohm BA6798S Datasheet HTML 4Page - Rohm BA6798S Datasheet HTML 5Page - Rohm BA6798S Datasheet HTML 6Page - Rohm BA6798S Datasheet HTML 7Page - Rohm BA6798S Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
374
Optical disc ICs
4-channel BTL driver for CD players
BA6798S
The BA6798S is a 4-channel H-bridge BTL driver for CD players and actuators. The 5V regulator and internal standard
operational amplifier make this IC suited to a broad range of applications.
FApplications
CD players and CD-ROM drives
FFeatures
1) 4-channel BTL driver.
2) SDIP M 24-pin package for high package power.
3) Internal thermal shutdown circuit.
4) Driver gain is adjustable with a single attached resis-
tor.
5) Internal 5V regulator. (requires attached PNP tran-
sistor)
FAbsolute maximum ratings (Ta = 25_C)


Similar Part No. - BA6798S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA679 VISHAY-BA679 Datasheet
50Kb / 4P
Silicon PIN Diodes
01-Apr-99
BA679 VISHAY-BA679 Datasheet
138Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD80
12-Sep-06
BA679 VISHAY-BA679 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679 VISHAY-BA679 Datasheet
81Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679 VISHAY-BA679 Datasheet
87Kb / 4P
RF PIN Diodes - Single in MiniMELF (SOD-80)
07-Mar-2022
More results

Similar Description - BA6798S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5915FP ROHM-BA5915FP Datasheet
148Kb / 9P
4-channel BTL driver for CD players
BA5937AFP ROHM-BA5937AFP Datasheet
150Kb / 9P
4-channel BTL driver for CD players
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
4-channel BTL driver for CD players
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
4-channel BTL driver for CD players
BA6198S ROHM-BA6198S Datasheet
186Kb / 10P
4-channel BTL driver for CD players
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
4-channel BTL driver for CD players
BA6397FP ROHM-BA6397FP Datasheet
131Kb / 8P
4-channel BTL driver for CD players
BA6790FP ROHM-BA6790FP Datasheet
134Kb / 7P
4-channel BTL driver for CD players
BA6797FP ROHM-BA6797FP Datasheet
164Kb / 10P
4-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
4-channel BTL driver for CD players
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com