Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA6872AFM Datasheet(PDF) 8 Page - Rohm

Part # BA6872AFM
Description  3-phase motor driver and reversible motor driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6872AFM Datasheet(HTML) 8 Page - Rohm

Back Button BA6872AFM Datasheet HTML 3Page - Rohm BA6872AFM Datasheet HTML 4Page - Rohm BA6872AFM Datasheet HTML 5Page - Rohm BA6872AFM Datasheet HTML 6Page - Rohm BA6872AFM Datasheet HTML 7Page - Rohm BA6872AFM Datasheet HTML 8Page - Rohm BA6872AFM Datasheet HTML 9Page - Rohm BA6872AFM Datasheet HTML 10Page - Rohm BA6872AFM Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
828
Motor driver ICs
BA6872AFM
Reversible motor driver for loading
(6)
Input block (FIN and RIN) and mode explanation
These are the control signal input pins. The operations
of the various modes are explained below. When FIN is
high level, and RIN is low level, the mode is forward mode,
and current flows from OUT1 to OUT2.
When FIN is low level, and RIN is high level, the mode is
reverse mode, and current flows from OUT2 to OUT1.
When FIN and RIN are both high level, the mode is brake
mode. In brake mode, the upper-side output transistor is
off, and stops supply of current to the motor. The lower-
side output transistor is on, and absorbs the back-rush of
the motor and applies braking. When FIN and RIN are both
low level, OUT1 and OUT2 are open-circuit potential,
and the motor stops.
FTruth table
(7)
Vref pin (output high voltage setting pin)
The output voltage can be varied by controlling Vref.
VOH = Vref
) VBE (PNP) * VBE (NPN) ) (VOUT * Vref off-
set)
) IREF
R1
However, Vref
x VM2 * [Vsat (PNP) ) VBE (NPN)]
(8)
Connection pins for output ground and output cur-
rent sense resistor (RNF)
By connecting a resistor to this pin, it is possible to sense
the amount of current flowing in the motor. By adding an
electronic governor, and controlling Vref, it is possible to
construct a reversible motor driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com