Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA9737KV Datasheet(PDF) 5 Page - Rohm

Part # BA9737KV
Description  4-channel switching regulator controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA9737KV Datasheet(HTML) 5 Page - Rohm

  BA9737KV Datasheet HTML 1Page - Rohm BA9737KV Datasheet HTML 2Page - Rohm BA9737KV Datasheet HTML 3Page - Rohm BA9737KV Datasheet HTML 4Page - Rohm BA9737KV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
416
Regulator ICs
BA9737KV
FOperation notes
(1)
Use short and wide wiring tracks for the power sup-
ply and ground to keep the mutual impedance as small
as possible, and use inductors and capacitors to keep
ripple to a minimum.
(2)
Great care has been paid to the quality of this com-
ponent. However, if the absolute maximum ratings for
temperature and applied voltage are exceeded, the IC
may be destroyed.
Since it is not possible to predict whether it will be in short
mode or open mode if the IC is destroyed, if there is a
chance that the maximum ratings of the IC will be ex-
ceeded, use appropriate physical protective measures
(fuses etc.).
(3)
Set the dead-time input voltage to 0.58V or more.
(4)
This IC does not use an internal circuit to generate
the output on peak current, so we recommend that you
connect capacitors to each end of RBIAS to externally gen-
erate the on peak current (after taking power dissipation
and efficiency into consideration). In this case, there is a
possibility that the output waveform may become unsta-
ble due to the current impedance, so we recommend that
you connect resistors (of about 100
Ω to 500Ω) in series
with the off peak capacitors.
FExternal dimensions (Units: mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com