Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZMM55C Datasheet(PDF) 1 Page - Jinan Gude Electronic Device

Part # ZMM55C
Description  SURFACE MOUNT ZENER DIODES/MINI - MELF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

ZMM55C Datasheet(HTML) 1 Page - Jinan Gude Electronic Device

  ZMM55C Datasheet HTML 1Page - Jinan Gude Electronic Device ZMM55C Datasheet HTML 2Page - Jinan Gude Electronic Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - ZMM55C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZMM55C FORMOSA-ZMM55C Datasheet
140Kb / 5P
Zener diode
logo
Weitron Technology
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
Surface Mount Zener Diodes
logo
DAESAN ELECTRONIC CORP.
ZMM55C DAESAN-ZMM55C Datasheet
259Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
logo
Shenzhen Luguang Electr...
ZMM55C LUGUANG-ZMM55C Datasheet
314Kb / 4P
0.5W Zener Diodes
logo
DAESAN ELECTRONIC CORP.
ZMM55C-10 DAESAN-ZMM55C-10 Datasheet
259Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM55C

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM52 JGD-ZMM52 Datasheet
198Kb / 2P
SURFACE MOUNT ZENER DIODES/MINI MELF
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
1W , MELF Surface Mount Zener Diodes
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
500mW Mini MELF Zener Diodes
logo
Frontier Electronics.
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
500mW MINI MELF ZENER DIODE
GLZ2.0A-LFR FRONTIER-GLZ2.0A-LFR Datasheet
123Kb / 4P
500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
500mW MINI MELF ZENER DIODE
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
500mW MINI MELF ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZMM5221B CHENG-YI-ZMM5221B Datasheet
249Kb / 3P
500mW Mini melf ZENER Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com