Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCL-1012-PL Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # BCL-1012-PL
Description  Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2", Plated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

BCL-1012-PL Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  BCL-1012-PL Datasheet HTML 1Page - Molex Electronics Ltd. BCL-1012-PL Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192210242
Status:
Active
Description:
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2", Plated
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19221
Comments
Heavy Duty
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Battery Cable Lug
Type
Ring
Physical
Barrel Type
Closed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
160
Plating min: Mating (µm)
4
Plating min: Termination (µin)
160
Plating min: Termination (µm)
4
Stud Size
1/2" (M12)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
N/A
Wire Size AWG
1
Wire Size mm²
42.40 - 60.50
Material Info
Old Part Number
BCL-1012-PL
Reference - Drawing Numbers
Sales Drawing
SD-19221-011
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19221Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual tool for
Crimping non-
insulated 8AWG thru
4/0 Terminals
0192940008
Hand Crimp Tool
0192840034
Die Set (large) for
the HHLS Hydralic
Crimper
0192900011
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - BCL-1012-PL

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
BCL-1012-WP MOLEX4-BCL-1012-WP Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2", Un-Plated, Wide Pad
More results

Similar Description - BCL-1012-PL

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192210420 MOLEX4-0192210420 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal for 1 AWG Wire, Stud Size 1/4", Plated
0192210397 MOLEX4-0192210397 Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 2/0 AWG Wire, Stud Size 1/2", Un-Plated
0192210245 MOLEX4-0192210245 Datasheet
246Kb / 3P
Compression Style Ring Tongue Terminal for 2/0 AWG Wire, Stud Size 1/2", Plated
0192210393 MOLEX4-0192210393 Datasheet
244Kb / 2P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2
0192210423 MOLEX4-0192210423 Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/4", Un-Plated
0192210422 MOLEX4-0192210422 Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/4", Plated
0192210418 MOLEX4-0192210418 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal for 2 AWG Wire, Stud Size 1/4", Plated
0192210372 MOLEX4-0192210372 Datasheet
244Kb / 2P
Compression Style Ring Tongue Terminal for 4/0 AWG Wire, Stud Size 1/2", Plated
0192210234 MOLEX4-0192210234 Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 2/0 AWG Wire, Stud Size 1/4", Plated
0192210248 MOLEX4-0192210248 Datasheet
246Kb / 3P
Compression Style Ring Tongue Terminal for 3/0 AWG Wire, Stud Size 1/2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com