Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA2532CP Datasheet(PDF) 18 Page - Sames

Part # SA2532CP
Description  VERSATILE SINGLE CHIP TELEPHONE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532CP Datasheet(HTML) 18 Page - Sames

Back Button SA2532CP Datasheet HTML 14Page - Sames SA2532CP Datasheet HTML 15Page - Sames SA2532CP Datasheet HTML 16Page - Sames SA2532CP Datasheet HTML 17Page - Sames SA2532CP Datasheet HTML 18Page - Sames SA2532CP Datasheet HTML 19Page - Sames SA2532CP Datasheet HTML 20Page - Sames SA2532CP Datasheet HTML 21Page - Sames SA2532CP Datasheet HTML 22Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18/22
SA2532
sames
Note 1:
The values are valid during automatic dialling and are minimum values during
manual dialling, i.e. the tones will continue as long as the key is depressed.
Note 2:
The rise time is the time from 10% of final value until the tone amplitude has reached
90% of its final value.
Note 3:
Relative to high group.
Note 4:
The FCI circuit is reset by POR and HS/DP pulled high (off-hook). After a reset the
FCI circuit is in a standby state. A positive edge on FCI will start a 73ms timer and
the frequency discrimination is initiated. Whenever a period of the ring signal is
missing, the timer is reset. When a valid ring signal is present for
≥ 73ms, the
melody generator is started and is directly controlled by the ring signal. This
condition will remain until a new reset.
Note 5:
This does not include the frequency deviation of the ceramic resonator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22