Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA9602F Datasheet(PDF) 1 Page - Sames

Part # SA9602F
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602F Datasheet(HTML) 1 Page - Sames

  SA9602F Datasheet HTML 1Page - Sames SA9602F Datasheet HTML 2Page - Sames SA9602F Datasheet HTML 3Page - Sames SA9602F Datasheet HTML 4Page - Sames SA9602F Datasheet HTML 5Page - Sames SA9602F Datasheet HTML 6Page - Sames SA9602F Datasheet HTML 7Page - Sames SA9602F Datasheet HTML 8Page - Sames SA9602F Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
sames
1/14
SA9602F/SA9602J
FEATURES
s
Performs bidirectional power and
energy measurement
s
Meets the IEC 521/1036 Specification
requirements for Class 1 AC Watt hour
meters
s
Protected against ESD
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY
METERING IC WITH INSTANTANEOUS PULSE OUTPUT
7132
PDS039-SA9602F-00A
REV.A
23-07-97
s
Total power consumption rating below
25mW
s
Adaptable to different types of current
sensors
s
Operates over a wide temperature range
s
Precision voltage reference on-chip
DESCRIPTION
The SAMES SA9602F is an enhancement
of the SA9102F, as no external capacitors
are required for the A/D converters. The
SA9602J is an enhancement of the
SA9102H.
The SAMES SA9602F and SA9602J Single
Phase bidirectional Power/Energy metering
integrated circuits generate a pulse rate
output, the frequency of which is proportional
to the power consumption. Both devices
perform the active power calculation.
The method of calculation takes the power
factor into account.
Energy consumption is determined by the
power measurement being integrated over
time.
These innovative universal single phase
power/energy metering integrated circuits
are ideally suited for energy calculations in
applications such as residential municipal
metering and factory energy metering and
control.
The SA9602F and SA9602J integrated
circuits are available in both 14 and 20 pin
dual-in-line plastic (DIP-14/DIP-20), as well
PIN CONNECTIONS
Package: DIP-14
PRELIMINARY
as 20 pin small outline (SOIC-20) package
types.
Note that the 20 pin SA9602J is a direct
replacement for the SA9102H. The
SA9602H has a higher output pulse rate
than the SA9102H.
OSC2
6
OSC1
7
D R -01 276
VREF
TEST
DD
V
IIP
IIN
5
4
3
2
1
DIR
9
FOUT1
8
TEST2
IVP
SS
FMO
10
11
12
V
13
GND
14


Similar Part No. - SA9602F

ManufacturerPart #DatasheetDescription
logo
Sames
SA9602 SAMES-SA9602 Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602 SAMES-SA9602 Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602EPA SAMES-SA9602EPA Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602ESA SAMES-SA9602ESA Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results

Similar Description - SA9602F

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005F SAMES-SA2005F Datasheet
107Kb / 10P
Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9108F SAMES-SA9108F Datasheet
105Kb / 12P
TWO PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602E SAMES-SA9602E Datasheet
126Kb / 14P
SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602H SAMES-SA9602H Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Integral Corp.
IL19006 INTEGRAL-IL19006 Datasheet
282Kb / 12P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
ILA19002 INTEGRAL-ILA19002 Datasheet
290Kb / 12P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Sames
SA2002E SAMES-SA2002E Datasheet
90Kb / 10P
Single Phase Uni-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com