Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA9603C Datasheet(PDF) 6 Page - Sames

Part # SA9603C
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9603C Datasheet(HTML) 6 Page - Sames

Back Button SA9603C Datasheet HTML 2Page - Sames SA9603C Datasheet HTML 3Page - Sames SA9603C Datasheet HTML 4Page - Sames SA9603C Datasheet HTML 5Page - Sames SA9603C Datasheet HTML 6Page - Sames SA9603C Datasheet HTML 7Page - Sames SA9603C Datasheet HTML 8Page - Sames SA9603C Datasheet HTML 9Page - Sames SA9603C Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SA9603C
sames
6/18
1.
Power Calculation
In the Application Circuit (Figure 1), the voltage drop across the shunt will be
between 0 and 16mV
RMS (0 to 80A through a shunt resistor of 200µΩ). This voltage
is converted to a current of between 0 and 16µA
RMS, by means of resistors R1 and
R
2.
The current sense input saturates at an input current of ±25µA peak.
For the voltage sensor input, the mains voltage (230V AC) is divided down through
a divider to 14V
RMS.
The resulting current into the A/D converter input is 14µA
RMS
at nominal voltage, via resistor R4 (1M
Ω).
In this configuration, with a mains voltage of 230V and a current of 80A, the
SA9603C functions at its optimum conditions, having a margin of 3dB for overload
available.
2.
Analog Input Configuration
The input circuitry of the current and voltage sensor inputs are illustrated below.
These inputs are protected against electrostatic discharge through clamping
diodes.
The feedback loops from the outputs of the amplifiers A
I and AV generate virtual
shorts on the signal inputs. Exact duplications of the input currents are generated
for the analog signal processing circuitry.
D R -00831
IV P
VO LTA G E
SEN SO R
IN P U T
SS
V
IIP
IIN
CURRE NT
SEN SO R
IN P U TS
SS
V
DD
V
SS
V
DD
V
DD
V
A
GN D
V
A I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com