Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA9603CPA Datasheet(PDF) 10 Page - Sames

Part # SA9603CPA
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9603CPA Datasheet(HTML) 10 Page - Sames

Back Button SA9603CPA Datasheet HTML 6Page - Sames SA9603CPA Datasheet HTML 7Page - Sames SA9603CPA Datasheet HTML 8Page - Sames SA9603CPA Datasheet HTML 9Page - Sames SA9603CPA Datasheet HTML 10Page - Sames SA9603CPA Datasheet HTML 11Page - Sames SA9603CPA Datasheet HTML 12Page - Sames SA9603CPA Datasheet HTML 13Page - Sames SA9603CPA Datasheet HTML 14Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SA9603C
sames
10/18
6.
Register Values
a.
The active and reactive energy measured per count, may be calculated by
applying the following formula:
Energy per Count
=
V * I
Watt seconds
K
Where
V
=
Rated Voltage
I
=
Rated Current
K
=
9281
for Active Energy
9281 * 2 for Reactive Energy
π
b.
The mains frequency may be calculated as follows:
Frequency
=
Crystal frequency
Register Value * 8
c.
To calculate the measured voltage, the following formula may be used:
Vmeasured =
V * n
14000 * t
Where
V
=
rated mains voltage
t
=
time difference between successive reads
n
=
difference in register values between
successive reads
7.
Software Flow
The SA9603C is able to execute code written for the SA9103C without any
modifications. (Ensure that only bits of the serial command to the device is set that
need to be set.)
It is suggested that the DUMP command is used in cases where more than one
register is continuously read. The DUMP command initiates a serial transmission
of successive register values, starting with the specified register. The Dump
command does not reset the register values.
New software should be developed in such a way that registers are never resettled
and must allow for register overflow. Register overflow is easily taken into account
by software running on a controlling microcontroller. The software subtracts the
previous register value from the current register value in order to determine the
actual change in register value. Note that the mains frequency register value only
needs to be scaled, in order to calculate the true mains frequency in Hertz.
The SA9603C integrated circuit only transmits the register values after completion
of the current measurement cycle (8 mains periods maximum).
The delay of 8 mains periods may be calculated from the period value of the
frequency returned by the initial read, and updated with each subsequent frequency
reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com