Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0359781040 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0359781040
Description  3.96mm (.156") Pitch Wire-to-Board Header, Right Angle, Low Profile, 10 Circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0359781040 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0359781040 Datasheet HTML 1Page - Molex Electronics Ltd. 0359781040 Datasheet HTML 2Page - Molex Electronics Ltd. 0359781040 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0359781040
Status:
Planned for Obsolescence
Description:
3.96mm (.156") Pitch Wire-to-Board Header, Right Angle, Low Profile, 10 Circuits,
Natural, Polyester Alloy
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35978-001 (PDF)
Agency Certification
CSA
LR19980
TUV
R72090224
UL
E29179
General
Product Family
PCB Headers
Series
35978
Application
Wire-to-Board
Product Name
MV-396™
Physical
Breakaway
No
Circuits (Loaded)
10
Circuits (maximum)
10
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
Yes
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin-Lead
Material - Plating Termination
Tin-Lead
Material - Resin
Polyester Alloy
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.146 In
PC Tail Length (mm)
3.70 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Pitch - Term. Interface (in)
0.156 In
Pitch - Term. Interface (mm)
3.96 mm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35978Series
Mates With
35977 Wire-to-Board Housing


Similar Part No. - 0359781040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0359781010 MOLEX5-0359781010 Datasheet
110Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 10 Circuits
0359781020 MOLEX5-0359781020 Datasheet
118Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Right Angle, Low Profile, 10 Circuits
0359781030 MOLEX5-0359781030 Datasheet
110Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Vertical, Low Profile, 10 Circuits
More results

Similar Description - 0359781040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0359780320 MOLEX5-0359780320 Datasheet
118Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Right Angle, Low Profile, 3 Circuits
0359780420 MOLEX5-0359780420 Datasheet
118Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Right Angle, Low Profile, 4 Circuits
0359780540 MOLEX5-0359780540 Datasheet
118Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Right Angle, Low Profile, 5 Circuits
0359780520 MOLEX5-0359780520 Datasheet
118Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Right Angle, Low Profile, 5 Circuits
0359780940 MOLEX5-0359780940 Datasheet
118Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Right Angle, Low Profile, 9 Circuits
0359780920 MOLEX5-0359780920 Datasheet
118Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Right Angle, Low Profile, 9 Circuits
0359781120 MOLEX5-0359781120 Datasheet
118Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Right Angle, Low Profile, 11 Circuits
0359781020 MOLEX5-0359781020 Datasheet
118Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Right Angle, Low Profile, 10 Circuits
0359780620 MOLEX5-0359780620 Datasheet
118Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Right Angle, Low Profile, 6 Circuits
0359780820 MOLEX5-0359780820 Datasheet
118Kb / 3P
3.96mm (.156") Pitch Wire-to-Board Header, Right Angle, Low Profile, 8 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com