Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI-3000P Datasheet(PDF) 3 Page - Sanken electric

Part # SI-3000P
Description  3-Terminal, Dropper Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000P Datasheet(HTML) 3 Page - Sanken electric

  SI-3000P Datasheet HTML 1Page - Sanken electric SI-3000P Datasheet HTML 2Page - Sanken electric SI-3000P Datasheet HTML 3Page - Sanken electric SI-3000P Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
60
sTa-PD Characteristics
sStandard External Circuit
C1: Oscillation prevention capacitor (approx. 0.33
µF)
Connection to terminal No.2 must be made as short as pos-
sible.
C2: Output capacitor (47 to 100
µF)
Connection to terminal No.1 must be made as short as pos-
sible.
D1: Protection diode (RM1Z)
Required for protection against reverse biasing of input and
output.
Note 1: Connect a 47
µF to 100µF capacitor to both sides of the
load if the wiring between the output terminal and the
load is long.
Note 2: An isolation type diode is provided from input to ground
and also from output to ground.These may be destroyed
if the device is reverse biased. In this case, use a diode
with low VF to protect them.
Note 3: The output voltage may not be adjusted by raising the
ground voltage (using a diode or resistor).
qSI-3000P Series
VIN
VO
D1
C2
C1
2
1
3
SI-3000P
+
DC input
DC output
24
20
16
12
8
4
0
–20
0
25
50
75
100
Ambient Temperature Ta (
°C)
75
×75×2 (7.6°C/W)
100
×100×2 (5.2°C/W)
200
×200×2 (2.3°C/W)
Without heatsink
Without Mica
With Silicon Grease
Heatsink: Aluminum
Unit: mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com