Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1SS366 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 1SS366
Description  VHF, UHF Detector and Mixer Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1SS366 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  1SS366 Datasheet HTML 1Page - Sanyo Semicon Device 1SS366 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
33098HA (KT)/53196GI/83195TS (KOTO) AX-8379 No.4563-1/2
1SS366
Ordering number :EN4563A
VHF, UHF Detector and Mixer Applications
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Schottky Barrier Diode
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
F
VF )
1
(IF
A
m
1
=0
5
30
2
4V
m
VF )
2
(IF
A
m
0
1
=0
8
40
8
5V
m
t
n
e
r
r
u
C
d
r
a
w
r
o
FIF
VF V
1
=5
3A
m
t
n
e
r
r
u
C
e
s
r
e
v
e
R
IR )
1
(VR V
2
=
2
.
0A
µ
IR )
2
(VR
V
0
1
=
0
1A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
=
5
8
.
0F
p
e
c
n
e
r
e
f
f
i
D
e
g
a
t
l
o
V
d
r
a
w
r
o
F
∆VF
IF
A
m
0
1
=
0
1V
m
e
c
n
e
r
e
f
f
i
D
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
∆CVR
z
H
M
1
=
f
,
V
0
=
1
.
0F
p
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
1V
t
n
e
r
r
u
C
d
r
a
w
r
o
FIF
5
3A
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1251A
[1SS366]
Electrical Characteristics at Ta = 25˚C
· Marking:FH
Features
· Series connection of 2 elements in a very small-sized
package facilitates high-density mounting and
permits 1SS366-applied equipment to be made
smaller.
· Small interterminal capacitance.
· Low forward voltage.
· High breakdown voltage.
˚C
˚C
Electrical Connection
1:Anode
2:Cathode
3:Cathode, Anode
SANYO:CP
(Top view)


Similar Part No. - 1SS366

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1SS366 KEXIN-1SS366 Datasheet
35Kb / 1P
Schottky Barrier Diode
More results

Similar Description - 1SS366

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SS345 SANYO-1SS345 Datasheet
62Kb / 2P
UHF Detector, Mixer Applications
1SS350 SANYO-1SS350 Datasheet
57Kb / 2P
UHF Detector, Mixer Applications
1SS351 SANYO-1SS351 Datasheet
56Kb / 2P
UHF Detector, Mixer Applications
1SS358 SANYO-1SS358 Datasheet
55Kb / 2P
VHF, UHF Detector and Mixer Applications
1SS365 SANYO-1SS365 Datasheet
50Kb / 2P
VHF, UHF Detector and Mixer Applications
1SS375 SANYO-1SS375 Datasheet
51Kb / 2P
VHF, UHF Detector and Mixer Applications
2SC4407 SANYO-2SC4407 Datasheet
95Kb / 4P
VHF/UHF Mixer, Local Oscillator Applications???
logo
Toshiba Semiconductor
1SS154 TOSHIBA-1SS154_07 Datasheet
204Kb / 3P
UHF~S Band Mixer/Detector Applications
logo
Guangdong Kexin Industr...
1SS375 KEXIN-1SS375 Datasheet
44Kb / 1P
VHF,UHF Detector and Mixer Applications
logo
Sanyo Semicon Device
1SS351 SANYO-1SS351_12 Datasheet
358Kb / 6P
UHF Detector, Mixer Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com