Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS7364IPWR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364IPWR
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7364IPWR Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS7364IPWR Datasheet HTML 23Page - Texas Instruments THS7364IPWR Datasheet HTML 24Page - Texas Instruments THS7364IPWR Datasheet HTML 25Page - Texas Instruments THS7364IPWR Datasheet HTML 26Page - Texas Instruments THS7364IPWR Datasheet HTML 27Page - Texas Instruments THS7364IPWR Datasheet HTML 28Page - Texas Instruments THS7364IPWR Datasheet HTML 29Page - Texas Instruments THS7364IPWR Datasheet HTML 30Page - Texas Instruments THS7364IPWR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
+V
S
External
Input/Output
Pin
Internal
Circuitry
THS7364
www.ti.com
SBOS530 – AUGUST 2010
APPLICATION INFORMATION
coefficient capacitors. The design of the THS7364
The THS7364 is targeted for six-channel video output
allows
operation
down
to
2.6
V,
but
it
is
applications that require three standard-definition
recommended to use at least a 3-V supply to ensure
(SD) video output buffers and three full-high definition
that no issues arise with headroom or clipping with
(FHD) video output buffers. Although it can be used
100% color-saturated CVBS signals. If only 75% color
for numerous other applications, the needs and
saturated CVBS is supported, then the output voltage
requirements of the video signal are the most
requirements are reduced to 2 VPP on the output,
important design parameters of the THS7364. Built
allowing a 2.7-V supply to be utilized without issues.
on
the
revolutionary,
complementary
Silicon
Germanium (SiGe) BiCom3X process, the THS7364
A 0.1-mF to 0.01-mF capacitor should be placed as
incorporates many features not typically found in
close as possible to the power-supply pins. Failure to
integrated video parts while consuming very low
do so may result in the THS7364 outputs ringing or
power. The THS7364 includes the following features:
oscillating. Additionally, a large capacitor (such as
22 mF to 100 mF) should be placed on the
•
Single-supply 2.7-V to 5-V operation with low total
power-supply
line
to
minimize
interference
with
quiescent current of 23.4 mA at 3.3 V and
50-/60-Hz line frequencies.
24.5 mA at 5 V
•
Disable mode allows for shutting down individual
INPUT VOLTAGE
SD/FHD blocks of amplifiers to save system
power in power-sensitive applications
The THS7364 input range allows for an input signal
range from –0.2 V to approximately (VS+ – 1.5 V).
•
Input configuration accepting dc + level shift, ac
However, because of the internal fixed gain of 2 V/V
sync-tip clamp, or ac-bias
(+6 dB) and the internal input level shift of 150 mV
–
AC-biasing is allowed with the use of external
(typical), the output is generally the limiting factor for
pull-up resistors to the positive power supply
the allowable linear input range. For example, with a
•
Sixth-order, low-pass filter for DAC reconstruction
5-V supply, the linear input range is from –0.2 V to
or ADC image rejection:
3.5 V. However, because of the gain and level shift,
–
9.5 MHz for NTSC, PAL, SECAM, composite
the linear output range limits the allowable linear
video
(CVBS),
S-Video
Y’/C’,
480i/576i,
input range to approximately –0.1 V to 2.3 V.
Y’/P’B/P’R, and G’B’R’ (R’G’B’) signals
–
72-MHz for 1080p60 Y’/P’ B/P’R or G’B’R’
INPUT OVERVOLTAGE PROTECTION
signals; also allows up to QXGA (1600 × 1200
The THS7364 is built using a very high-speed,
at 60 Hz) R'G'B' video in filter bypass mode
complementary, bipolar, and CMOS process. The
•
Individually-controlled Bypass mode bypasses the
internal junction breakdown voltages are relatively
low-pass
filters
for
each
SD/FHD
block
of
low for these very small geometry devices. These
amplifiers
breakdowns are reflected in the Absolute Maximum
–
SD bypass mode features 150-MHz and
Ratings table. All input and output device pins are
100-V/ms performance
protected with internal ESD protection diodes to the
–
FHD bypass mode features 350-MHz and
power supplies, as shown in Figure 76.
500-V/ms performance
•
Individually-controlled Disable mode shuts down
all amplifiers in each SD/FHD block to reduce
quiescent current to 0.1 mA
•
Internally-fixed gain of 2-V/V (+6-dB) buffer that
can drive two video lines with dc-coupling or
traditional ac-coupling
•
Flow-through configuration using a TSSOP-20
package that complies with the latest lead-free
(RoHS-compatible)
and
green
manufacturing
requirements
Figure 76. Internal ESD Protection
OPERATING VOLTAGE
These diodes provide moderate protection to input
The THS7364 is designed to operate from 2.7 V to
overdrive voltages above and below the supplies as
5 V over the –40°C to +85°C temperature range. The
well. The protection diodes can typically support
impact on performance over the entire temperature
30 mA of continuous current when overdriven.
range is negligible as a result of the implementation
of thin film resistors and high-quality, low-temperature
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): THS7364



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com