Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1302BIMSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1302BIMSTRT
Description  Dual High Speed Low-Side MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1302BIMSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC1302BIMSTRT Datasheet HTML 1Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 2Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 3Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 4Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 5Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 6Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 7Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 8Page - Semtech Corporation SC1302BIMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SC1302A/B/C/D/E/F
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input
High Level Input Voltage
V
IH
0 < V
IN
< V
CC
2.0
V
Low Level Input Voltage
V
IL
0 < V
IN
< V
CC
0.8
V
Input Current
I
IN
0 < V
IN
< V
CC
, Non-inverting Input(s)
of SC1302A/C/D/F
13
18.5
μA
0 < V
IN
< V
CC
, Inverting Input(s)
of SC1302B/C/E/F
-8
μA
Output
Output Peak Current
I
PK_SOURCE
V
OUT
= 0.5V, t
PW
< 10 μs
1600
mA
I
PK_SINK
V
OUT
= V
CC
- 0.5V, t
PW
< 10 μs
1600
mA
Shutdown for SC1302A/B/C
SHDN Input Voltage High
V
SHDN
2V
SHDN Input Voltage Low
V
SHDN
0.3
V
SHDN Pin current
I
SHDN
V
SHDN
= 5V
32
40
μA
Thermal Shutdown
Over Temperature Trip Point (1)
T
J_OT
150
°C
Hysteresis (1)
10
°C
Electrical Characteristics (continued)
AC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Rise Time(1)
t
R
See Timing Diagram
20
ns
Fall Time(1)
t
F
See Timing Diagram
20
ns
Propagation Delay Time(1)
t
D1
T
A
= -40°C ~ 125°C
53
70
ns
Propagation Delay Time(1)
t
D2
T
A
= -40°C ~ 125°C
41
60
ns
Notes:
(1) Guaranteed by design
(2) Negative sign indicates that the input current flows out of the device.
Unless otherwise specified, T
A
= T
J
= 25ºC, V
CC
=12V, V
EN
= 5V, C
L
= 1000pF
Unless otherwise specified, -40ºC < T
A
= T
J
<125°C, V
CC
= 12V, V
IN
= 5V, V
EN
=5V (SC1302A/B/C), V
SHDN
= 5V (SC1302A/B/C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com