Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4603 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4603
Description  Very Low Input, MHz Operation,High Efficiency Synchronous Buck
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4603 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4603_08 Datasheet HTML 3Page - Semtech Corporation SC4603_08 Datasheet HTML 4Page - Semtech Corporation SC4603_08 Datasheet HTML 5Page - Semtech Corporation SC4603_08 Datasheet HTML 6Page - Semtech Corporation SC4603_08 Datasheet HTML 7Page - Semtech Corporation SC4603_08 Datasheet HTML 8Page - Semtech Corporation SC4603_08 Datasheet HTML 9Page - Semtech Corporation SC4603_08 Datasheet HTML 10Page - Semtech Corporation SC4603_08 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
 2008 Semtech Corp.
www.semtech.com
SC4603
POWER MANAGEMENT
Block Diagram
Applications Information
Enable
Pulling and holding the SYNC/SLEEP pin below 0.8V ini-
tializes the SLEEP mode of the SC4603 with its typical
SLEEP mode supply current of 10uA. During the SLEEP
mode, the high side and low side MOSFETs are turned
off and the internal soft start voltage is held low.
Oscillator
The oscillator uses an external resistor to set the oscilla-
tion frequency when the SYNC/SLEEP pin is pulled and
held above 2V. The ramp waveform is a triangle at the
PWM frequency with a peak voltage of 1.25V and a val-
ley voltage of 0.25V. A 100% maximum duty cycle allows
the SC4603 to operate as a low dropout regulator in the
event of a low battery condition. The resistor tolerance
adds to the accuracy of the oscillator frequency. The ex-
ternal resistor connected to the FS pin, as shown below
determines the approximate operating frequency:
T
8
S
R
10
126
f
•
=
An external clock connected to the SYNC/SLEEP acti-
vates its synchronous mode and the frequency of the
clock can be up to 1MHz.
UVLO
When the SYNC/SLEEP pin is pulled and held above 2V,
the voltage on the VCC pin determines the operation of
the SC4603. As V
CC increases during start up, the UVLO
block senses V
CC and keeps the high side and low side
MOSFETs off and the internal soft start voltage low until
V
CC reaches 2.25V. If no faults are present, the SC4603
will initiate a soft start when V
CC
exceeds 2.25V. A
hysteresis (100mV) in the UVLO comparator provides
noise immunity during its start up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com