Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PMR8050-B-R005-B-2-A Datasheet(PDF) 4 Page - Sirectifier Global Corp.

Part # PMR8050-B-R005-B-2-A
Description  Power Metal Low OHM Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

PMR8050-B-R005-B-2-A Datasheet(HTML) 4 Page - Sirectifier Global Corp.

  PMR8050-B-R005-B-2-A Datasheet HTML 1Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-A Datasheet HTML 2Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-A Datasheet HTML 3Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-A Datasheet HTML 4Page - Sirectifier Global Corp. PMR8050-B-R005-B-2-A Datasheet HTML 5Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
http:// www.sirectsemi.com
□ RELIABILITU PERFORMANCE
Test Item
Condition of Test
Requirements
Measurement
Method
Thermal Shock
-60°C to + 150°C, 1000 cycles,
15 minutes at each extreme
± 0.5%
Refer to
JIS C 5202 7.4
Short Time Overload
5 x rated power for 5 seconds
± 0.5%
Refer to
JIS C 5202 5.5
Low Temperature Storage
Kept - 60°C for 24 hours
± 0.5%
Refer to
JIS C 5202 7.1
High Temperature Exposure
Kept + 170°C for 1000 hours
± 0.5%
Refer to
JIS C 5202 7.11
Bias Humidity
+ 85°C, 85% RH, 10% Bias,
1000 hours
± 0.5%
-
Mechanical Shock
100G’s for 6 milliseconds, 5 pulses
± 0.5%
Refer to
JIS C 5202 6.2
Vibration
Frequency varied 10 to 2000Hz
in one minute,
3 directions, 12 hours
± 0.5%
-
Load Life
1000 hours @ rated power, + 70°C,
1.5 hours “ON”, 0.5 hours “OFF”
± 1.0%
Refer to
JIS C 5202 7.10
Resistance to Solder Heat
+ 260°C Solder,10 - 12 second dwell,
25mm/second emergence
± 0.5%
Refer to
JIS C 5202 6.4
Moisture Resistance
MIL-STD-202, Method 106,
0% power, 7a and 7b not required
± 0.5%
-
PMR SERIES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com